Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49725MA Datasheet(PDF) 9 Page - Texas Instruments

Part # LME49725MA
Description  LME49725 PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49725MA Datasheet(HTML) 9 Page - Texas Instruments

Back Button LME49725MA Datasheet HTML 5Page - Texas Instruments LME49725MA Datasheet HTML 6Page - Texas Instruments LME49725MA Datasheet HTML 7Page - Texas Instruments LME49725MA Datasheet HTML 8Page - Texas Instruments LME49725MA Datasheet HTML 9Page - Texas Instruments LME49725MA Datasheet HTML 10Page - Texas Instruments LME49725MA Datasheet HTML 11Page - Texas Instruments LME49725MA Datasheet HTML 12Page - Texas Instruments LME49725MA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
200k
-140
-120
-100
-80
-60
-40
-20
0
20
200
2k
20k
FREQUENCY (Hz)
200k
-140
-120
-100
-80
-60
-40
-20
0
20
200
2k
20k
FREQUENCY (Hz)
200k
-140
-120
-100
-80
-60
-40
-20
0
20
200
2k
20k
FREQUENCY (Hz)
0
-120
-100
-80
-60
-40
-20
-140
FREQUENCY (Hz)
20
200
2k
20k
0
-120
-100
-80
-60
-40
-20
-140
FREQUENCY (Hz)
20
200
2k
20k
0
-120
-100
-80
-60
-40
-20
-140
FREQUENCY (Hz)
20
200
2k
20k
LME49725
www.ti.com
SNAS427A – APRIL 2008 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
CMRR vs Frequency
CMRR vs Frequency
VS = 4.5V, RL = 10kΩ
VS = 15V, RL = 10kΩ
Figure 26.
Figure 27.
CMRR vs Frequency
+PSRR vs Frequency
VS = 18V, RL = 10kΩ
VS = 4.5V, RL = 2kΩ, VRIPPLE = 200mVP-P
Figure 28.
Figure 29.
+PSRR vs Frequency
+PSRR vs Frequency
VS = 4.5V, RL = 10kΩ, VRIPPLE = 200mVP-P
VS = 4.5V, RL = 600Ω, VRIPPLE = 200mVP-P
Figure 30.
Figure 31.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LME49725


Similar Part No. - LME49725MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49725MA/NOPB TI1-LME49725MA/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
LME49725MAX/NOPB TI1-LME49725MAX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49725MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com