Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH1980 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH1980
Description  LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH1980 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH1980 Datasheet HTML 4Page - Texas Instruments LMH1980 Datasheet HTML 5Page - Texas Instruments LMH1980 Datasheet HTML 6Page - Texas Instruments LMH1980 Datasheet HTML 7Page - Texas Instruments LMH1980 Datasheet HTML 8Page - Texas Instruments LMH1980 Datasheet HTML 9Page - Texas Instruments LMH1980 Datasheet HTML 10Page - Texas Instruments LMH1980 Datasheet HTML 11Page - Texas Instruments LMH1980 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
VIN
CSOUT
HSOUT
BPOUT
SYNC TIP LEVEL
BLANKING LEVEL
WHITE LEVEL
VIDEO
SYNC
50%
THSOUT
tdBPOUT
tdHSOUT
tdCSOUT
0.5 VPP to 2 VPP
1 VPP (typ.)
TBPOUT
VIDEO INPUT RANGE
OH
NTSC/PAL
COLOR BURST
ENVELOPE
563
VIN
CSOUT
HSOUT
BPOUT
VSOUT
OEOUT
565
566
567
568
569
583
584
585
564
586
LINE #
FIELD 2
15H
5H
START OF FIELD 2
TVSOUT = 3H
½ H
570...
LMH1980
SNLS263A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Figure 8. 1080I Field 2 Vertical Interval
SD/EDTV Horizontal Interval Timing Diagram
Figure 9. SD/EDTV Horizontal Interval with Bi-level Sync
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH1980


Similar Part No. - LMH1980

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM NSC-LMH1980MM Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM/NOPB TI1-LMH1980MM/NOPB Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
logo
National Semiconductor ...
LMH1980MMX NSC-LMH1980MMX Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
More results

Similar Description - LMH1980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885_06 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com