Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH2121TME Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH2121TME
Description  LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH2121TME Datasheet(HTML) 4 Page - Texas Instruments

  LMH2121TME Datasheet HTML 1Page - Texas Instruments LMH2121TME Datasheet HTML 2Page - Texas Instruments LMH2121TME Datasheet HTML 3Page - Texas Instruments LMH2121TME Datasheet HTML 4Page - Texas Instruments LMH2121TME Datasheet HTML 5Page - Texas Instruments LMH2121TME Datasheet HTML 6Page - Texas Instruments LMH2121TME Datasheet HTML 7Page - Texas Instruments LMH2121TME Datasheet HTML 8Page - Texas Instruments LMH2121TME Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMH2121
SNVS876A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
2.7 V DC AND AC ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all limits are ensured to TA = 25°C, VDD = 2.7V, RFIN= 1900 MHz CW (Continuous Wave,
unmodulated), EN = 2.7V. Boldface limits apply at the temperature extremes
(1).
Symbol
Parameter
Condition
Min
Typ
Max
Units
(2)
(3)
(2)
RFIN = 700 MHz
(5)
PMIN
Minimum Power Level, bottom
Lin Conformance Error within ±1 dB
-33
end of Dynamic Range
dBm
PMAX
Maximum Power Level, top end of
12
Dynamic Range
VMIN
Minimum Output Voltage
At PMIN
20
mV
VMAX
Maximum Output Voltage
At PMAX
2.65
V
KSLOPE
Linear Slope
1
dB/dB
PINT
Linear Intercept
VOUT = 0 dBV
1.3
1.9
2.2
dBm
Gain
Conversion Gain
3.5
3.6
3.9
V/VRMS
DR
Dynamic Range for specified
±1 dB Lin Conformance Error (ELC)
34
45
Accuracy
34
38
±3 dB Lin Conformance Error (ELC)
47
50
dB
39
47
±0.5 dB Input Referred Variation over
34
37
Temperature (EVOT)
RFIN = 900 MHz
(5)
PMIN
Minimum Power Level, bottom
Lin Conformance Error within ±1 dB
-33
end of Dynamic Range
dBm
PMAX
Maximum Power Level, top end of
12
Dynamic Range
VMIN
Minimum Output Voltage
At PMIN
20
mV
VMAX
Maximum Output Voltage
At PMAX
2.68
V
KSLOPE
Linear Slope
1
dB/dB
PINT
Linear Intercept
VOUT = 0 dBV
1.7
2.1
2.5
dBm
Gain
Conversion Gain
3.4
3.5
3.7
V/VRMS
DR
Dynamic Range for specified
±1 dB Lin Conformance Error (ELC)
34
45
Accuracy
33
37
±3 dB Lin Conformance Error (ELC)
48
50
dB
40
47
±0.5 dB Input Referred Variation over
35
37
Temperature (EVOT)
RFIN = 1700 MHz
(6)
PMIN
Minimum Power Level, bottom
Lin Conformance Error within ±1 dB
−24
end of Dynamic Range
dBm
PMAX
Maximum Power Level, top end of
7
Dynamic Range
VMIN
Minimum Output Voltage
At PMIN
37
mV
VMAX
Maximum Output Voltage
At PMAX
1.23
V
KSLOPE
Linear Slope
1
dB/dB
PINT
Linear Intercept
VOUT = 0 dBV
3.8
4.1
4.5
dBm
Gain
Conversion Gain
2.6
2.8
2.9
V/VRMS
DR
Dynamic Range for specified
±1 dB Lin Conformance Error (ELC)
27
31
Accuracy
24
28
±3 dB Lin Conformance Error (ELC)
44
47
dB
34
43
±0.5 dB Input Referred Variation over
26
31
Temperature (EVOT)
(6)
Limits are ensured by design and measurements which are performed on a limited number of samples.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH2121


Similar Part No. - LMH2121TME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2121TME TI1-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME/NOPB TI1-LMH2121TME/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
More results

Similar Description - LMH2121TME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com