Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR190E Datasheet(PDF) 1 Page - Motorola, Inc

Part # MUR190E
Description  ULTRAFAST RECTIFIERS 1.0 AMPERE 900-1000 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUR190E Datasheet(HTML) 1 Page - Motorola, Inc

  MUR190E Datasheet HTML 1Page - Motorola, Inc MUR190E Datasheet HTML 2Page - Motorola, Inc MUR190E Datasheet HTML 3Page - Motorola, Inc MUR190E Datasheet HTML 4Page - Motorola, Inc MUR190E Datasheet HTML 5Page - Motorola, Inc MUR190E Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
SWITCHMODE™ Power Rectifiers
Ultrafast “E’’ Series with High Reverse
Energy Capability
. . . designed for use in switching power supplies, inverters and as
free wheeling diodes, these state–of–the–art devices have the
following features:
• 20 mjoules Avalanche Energy Guaranteed
• Excellent Protection Against Voltage Transients in Switching
Inductive Load Circuits
• Ultrafast 75 Nanosecond Recovery Time
• 175°C Operating Junction Temperature
• Low Forward Voltage
• Low Leakage Current
• High Temperature Glass Passivated Junction
• Reverse Voltage to 1000 Volts
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 0.4 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering
Purposes: 220
°C Max. for 10 Seconds, 1/16″ from case
• Shipped in plastic bags, 1000 per bag
• Available Tape and Reeled, 5000 per reel, by adding a “RL’’
suffix to the part number
• Polarity: Cathode Indicated by Polarity Band
• Marking: U190E, U1100E
MAXIMUM RATINGS
Ri
Sb l
MUR
Ui
Rating
Symbol
190E
1100E
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
900
1000
Volts
Average Rectified Forward Current (Square Wave)
(Mounting Method #3 Per Note 1)
IF(AV)
1.0 @ TA = 95°C
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave, single phase, 60 Hz)
IFSM
35
Amps
Operating Junction Temperature and Storage Temperature
TJ, Tstg
*65 to +175
°C
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction to Ambient
R
θJA
See Note 1
°C/W
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MUR190E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MUR190E
MUR1100E
ULTRAFAST
RECTIFIERS
1.0 AMPERE
900–1000 VOLTS
CASE 59–04
MUR1100E is a
Motorola Preferred Device
Rev 1


Similar Part No. - MUR190E

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MUR190E DIGITRON-MUR190E Datasheet
177Kb / 3P
   1A SCHOTTKY RECTIFIER
More results

Similar Description - MUR190E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR490E ONSEMI-MUR490E_06 Datasheet
79Kb / 5P
   ULTRAFAST RECTIFIERS 4.0 AMPS, 900 - 1000 VOLTS
February, 2006 ??Rev. 3
logo
Motorola, Inc
MUR490E MOTOROLA-MUR490E Datasheet
120Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 900-1000 VOLTS
MURS120T3 MOTOROLA-MURS120T3 Datasheet
112Kb / 4P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
logo
ON Semiconductor
MURS120T3 ONSEMI-MURS120T3_06 Datasheet
60Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
logo
Motorola, Inc
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF100G YEASHIN-UF100G Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com