Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH2121TMX Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH2121TMX
Description  LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH2121TMX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH2121TMX Datasheet HTML 6Page - Texas Instruments LMH2121TMX Datasheet HTML 7Page - Texas Instruments LMH2121TMX Datasheet HTML 8Page - Texas Instruments LMH2121TMX Datasheet HTML 9Page - Texas Instruments LMH2121TMX Datasheet HTML 10Page - Texas Instruments LMH2121TMX Datasheet HTML 11Page - Texas Instruments LMH2121TMX Datasheet HTML 12Page - Texas Instruments LMH2121TMX Datasheet HTML 13Page - Texas Instruments LMH2121TMX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
RF INPUT POWER (dBm)
85°C
-40°C
-30
-20
-10
0
10
20
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-30
-20
-10
0
10
20
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
RF INPUT POWER (dBm)
-40°C
85°C
RF INPUT POWER (dBm)
-30
-20
-10
0
10
20
3
2
1
0
-1
-2
-3
-40°C
85°C
-30
-20
-10
0
10
20
3
2
1
0
-1
-2
-3
85°C
RF INPUT POWER (dBm)
-40°C
25°C
RF INPUT POWER (dBm)
85°C
-40°C
-30
-20
-10
0
10
20
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-40
-30
-20
-10
0
10
20
10
1
0.1
0.01
RF INPUT POWER (dBm)
-40°C
25°C
85°C
LMH2121
SNVS876A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified TA = 25°C, VDD = 2.7V, RFIN = 1900 MHz CW (Continuous Wave, unmodulated). Specified errors
are input referred.
Temperature Variation (50 units)
vs. RF Input Power at 100 MHz
Output Voltage vs. RF Input Power at 700 MHz
Figure 21.
Figure 22.
Lin Conformance vs. RF Input Power at 700 MHz
Lin Conformance (50 units) vs. RF Input Power at 700 MHz
Figure 23.
Figure 24.
Temperature Variation (50 units)
Temperature Variation vs. RF Input Power at 700 MHz
vs. RF Input Power at 700 MHz
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH2121


Similar Part No. - LMH2121TMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2121TMX/NOPB TI1-LMH2121TMX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
More results

Similar Description - LMH2121TMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com