Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6642MFX Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6642MFX
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6642MFX Datasheet(HTML) 1 Page - Texas Instruments

  LMH6642MFX Datasheet HTML 1Page - Texas Instruments LMH6642MFX Datasheet HTML 2Page - Texas Instruments LMH6642MFX Datasheet HTML 3Page - Texas Instruments LMH6642MFX Datasheet HTML 4Page - Texas Instruments LMH6642MFX Datasheet HTML 5Page - Texas Instruments LMH6642MFX Datasheet HTML 6Page - Texas Instruments LMH6642MFX Datasheet HTML 7Page - Texas Instruments LMH6642MFX Datasheet HTML 8Page - Texas Instruments LMH6642MFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Check for Samples: LMH6642, LMH6643, LMH6644
1
FEATURES
DESCRIPTION
The LMH664X family true single supply voltage
2
(VS = ±5V, TA = 25°C, RL = 2kΩ, AV = +1. Typical
feedback amplifiers offer high speed (130MHz), low
Values Unless Specified).
distortion (
−62dBc), and exceptionally high output
−3dB BW (AV = +1) 130MHz
current (approximately 75mA) at low cost and with
Supply Voltage Range 2.7V to 12.8V
reduced power consumption when compared against
existing devices with similar performance.
Slew Rate (1), (AV = −1) 130V/µs
Input common mode voltage range extends to 0.5V
Supply Current (no load) 2.7mA/amp
below Vand 1V from V+. Output voltage range
Output Short Circuit Current +115mA/
−145mA
extends to within 40mV of either supply rail, allowing
Linear Output Current ±75mA
wide dynamic range especially desirable in low
Input Common Mode Volt. 0.5V Beyond V, 1V
voltage applications. The output stage is capable of
approximately 75mA in order to drive heavy loads.
from V+
Fast output Slew Rate (130V/µs) ensures large peak-
Output Voltage Swing 40mV from Rails
to-peak output swings can be maintained even at
Input Voltage Noise (100kHz) 17nV/
√Hz
higher speeds, resulting in exceptional full power
Input Current Noise (100kHz) 0.9pA/
√Hz
bandwidth of 40MHz with a 3V supply. These
characteristics, along with low cost, are ideal features
THD (5MHz, RL = 2kΩ, VO = 2VPP, AV = +2)
for
a
multitude
of
industrial
and
commercial
−62dBc
applications.
Settling Time 68ns
Careful attention has been paid to ensure device
Fully Characterized for 3V, 5V, and ±5V
stability under all operating voltages and modes. The
Overdrive Recovery 100ns
result is a very well behaved frequency response
characteristic (0.1dB gain flatness up the 12MHz
Output Short Circuit Protected (2)
under 150
Ω load and AV = +2) with minimal peaking
No Output Phase Reversal with CMVR
(typically 2dB maximum) for any gain setting and
Exceeded
under both heavy and light loads. This along with fast
settling time (68ns) and low distortion allows the
APPLICATIONS
device to operate well in ADC buffer, and high
frequency
filter
applications
as
well
as
other
Active Filters
applications.
CD/DVD ROM
This device family offers professional quality video
ADC Buffer Amp
performance with low DG (0.01%) and DP (0.01°)
Portable Video
characteristics.
Differential
Gain
and
Differential
Current Sense Buffer
Phase characteristics are also well maintained under
heavy loads (150
Ω) and throughout the output
(1)
Slew rate is the average of the rising and falling slew rates.
voltage range. The LMH664X family is offered in
(2)
Output short circuit duration is infinite for VS < 6V at room
single
(LMH6642),
dual
(LMH6643),
and
quad
temperature and below. For VS > 6V, allowable short circuit
duration is 1.5ms.
(LMH6644) options.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6642MFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642MFX NSC-LMH6642MFX Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MFX/NOPB TI1-LMH6642MFX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MFXEP NSC-LMH6642MFXEP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6642MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com