Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331SINGLE Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV331SINGLE
Description  GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331SINGLE Datasheet(HTML) 2 Page - Texas Instruments

  LMV331SINGLE Datasheet HTML 1Page - Texas Instruments LMV331SINGLE Datasheet HTML 2Page - Texas Instruments LMV331SINGLE Datasheet HTML 3Page - Texas Instruments LMV331SINGLE Datasheet HTML 4Page - Texas Instruments LMV331SINGLE Datasheet HTML 5Page - Texas Instruments LMV331SINGLE Datasheet HTML 6Page - Texas Instruments LMV331SINGLE Datasheet HTML 7Page - Texas Instruments LMV331SINGLE Datasheet HTML 8Page - Texas Instruments LMV331SINGLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
IN+
IN−
OUT
GND
R1
Q1
Q3
Q7
Q6
VCC+
Q2
Q4
Q5
R2
R3
Q8
Q9
IN–
IN+
OUT
LMV331 SINGLE
LMV393 DUAL
LMV339 QUAD
SLCS136S – AUGUST 1999 – REVISED OCTOBER 2012
www.ti.com
ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
Reel of 3000
LMV331IDCKR
SC-70 – DCK
R2_
Reel of 250
LMV331IDCKT
Single
Reel of 3000
LMV331IDBVR
SOT23-5 – DBV
R1I_
Reel of 250
LMV331IDBVT
MSOP/VSSOP – DGK
Reel of 2500
LMV393IDGKR
R9_
Tube of 75
LMV393ID
SOIC – D
MV393I
Reel of 2500
LMV393IDR
Dual
–40°C to 125°C
Tube of 90
LMV393IPW
TSSOP – PW
MV393I
Reel of 2000
LMV393IPWR
VSSOP – DDU
Reel of 3000
LMV393IDDUR
RABR
Tube of 50
LMV339ID
SOIC – D
LM339I
Reel of 2500
LMV339IDR
Quad
Tube of 150
LMV339IPW
TSSOP – PW
MV339I
Reel of 2000
LMV339IPWR
µQFN – RUC
Reel of 3000
LMV339IRUCR
RT_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DGK/RUC : The actual top-side marking has one additional character that designates the wafer fab/assembly site.
SYMBOL (EACH COMPARATOR)
SIMPLIFIED SCHEMATIC
2
Submit Documentation Feedback
Copyright © 1999–2012, Texas Instruments Incorporated


Similar Part No. - LMV331SINGLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331SINGLE TI1-LMV331SINGLE Datasheet
1Mb / 31P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results

Similar Description - LMV331SINGLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
   General-purpose low voltage comparators
logo
Texas Instruments
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
   General Purpose, Low Voltage, TinyPack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com