Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV710M5X Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV710M5X
Description  LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV710M5X Datasheet(HTML) 1 Page - Texas Instruments

  LMV710M5X Datasheet HTML 1Page - Texas Instruments LMV710M5X Datasheet HTML 2Page - Texas Instruments LMV710M5X Datasheet HTML 3Page - Texas Instruments LMV710M5X Datasheet HTML 4Page - Texas Instruments LMV710M5X Datasheet HTML 5Page - Texas Instruments LMV710M5X Datasheet HTML 6Page - Texas Instruments LMV710M5X Datasheet HTML 7Page - Texas Instruments LMV710M5X Datasheet HTML 8Page - Texas Instruments LMV710M5X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LMV710-N, LMV711-N, LMV715-N
www.ti.com
SNOS519J – APRIL 2000 – REVISED MARCH 2013
LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
Current Drive and Shutdown Option
Check for Samples: LMV710-N, LMV711-N, LMV715-N
1
FEATURES
DESCRIPTION
The
LMV710-N/LMV711/LMV715
are
BiCMOS
2
(For 5V Supply, Typical Unless Otherwise
operational amplifiers with a CMOS input stage.
Noted)
These devices have greater than RR input common
Low Offset Voltage 3 mV, Max
mode voltage range, rail-to-rail output and high output
Gain-Bandwidth Product 5 MHz, Typ
current drive. They offer a bandwidth of 5 MHz and a
slew rate of 5 V/µs.
Slew Rate 5 V/µs, Typ
On the LMV711/LMV715, a separate shutdown pin
Space Saving Packages 5-Pin and 6-Pin SOT-
can be used to disable the device and reduces the
23
supply current to 0.2 µA (typical). They also feature a
Turn on Time from Shutdown <10 µs
turn on time of less than 10 µs. It is an ideal solution
Industrial Temperature Range
−40°C to +85°C
for power sensitive applications, such as cellular
phone, pager, palm computer, etc. In addition, once
Supply current in Shutdown Mode 0.2 µA, typ
the LMV715 is in shutdown the output will be “Tri-
Ensured 2.7V and 5V Performance
stated”.
Unity Gain Stable
The LMV710-N is offered in the space saving 5-Pin
Rail-to-Rail Input and Output
SOT-23 Tiny package. The LMV711/LMV715 are
Capable of Driving 600
Ω Load
offered in the space saving 6-Pin SOT-23 Tiny
package.
APPLICATIONS
The LMV710-N/LMV711/LMV715 are designed to
Wireless Phones
meet the demands of low power, low cost, and small
size required by cellular phones and similar battery
GSM/TDMA/CDMA Power Amp Control
powered portable electronics.
AGC, RF Power Detector
Temperature Compensation
Wireless LAN
Bluetooth
HomeRF
Typical Application
Figure 1. High Side Current Sensing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV710M5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV710M5X NSC-LMV710M5X Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710M5X TI1-LMV710M5X Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710M5X TI1-LMV710M5X Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
LMV710M5X TI1-LMV710M5X Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
LMV710M5X/NOPB TI1-LMV710M5X/NOPB Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
More results

Similar Description - LMV710M5X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com