Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331IDCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDCKR
Description  GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331IDCKR Datasheet(HTML) 1 Page - Texas Instruments

  LMV331IDCKR Datasheet HTML 1Page - Texas Instruments LMV331IDCKR Datasheet HTML 2Page - Texas Instruments LMV331IDCKR Datasheet HTML 3Page - Texas Instruments LMV331IDCKR Datasheet HTML 4Page - Texas Instruments LMV331IDCKR Datasheet HTML 5Page - Texas Instruments LMV331IDCKR Datasheet HTML 6Page - Texas Instruments LMV331IDCKR Datasheet HTML 7Page - Texas Instruments LMV331IDCKR Datasheet HTML 8Page - Texas Instruments LMV331IDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2OUT
1OUT
1IN–
VCC+
1IN+
2IN–
2IN+
3OUT
3IN–
4IN+
GND
4IN–
3IN+
4OUT
LMV339 . . . D OR PW PACKAGE
(TOP VIEW)
LMV393 . . . D, DDU, DGK OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN+
GND
VCC+
2OUT
2IN–
2IN+
LMV331 . . . DBV OR DCK PACKAGE
(TOP VIEW)
VCC+
OUT
1
2
3
5
4
1IN+
GND
1IN–
LMV339 . . . RUC PACKAGE
(TOP VIEW)
1
2
3
4
5
12
11
10
9
8
7
6
14
13
1OUT
1IN–
VCC+
1IN+
2IN–
4IN+
GND
4IN–
3IN+
4OUT
LMV331 SINGLE
LMV393 DUAL
LMV339 QUAD
www.ti.com
SLCS136S – AUGUST 1999 – REVISED OCTOBER 2012
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
1
FEATURES
2.7-V and 5-V Performance
Low Supply Current
LMV331 . . . 130
μA Typ
LMV393 . . . 210
μA Typ
LMV339 . . . 410
μA Typ
Input Common-Mode Voltage Range Includes
Ground
Low Output Saturation Voltage 200 mV Typical
Open-Collector Output for Maximum Flexibility
DESCRIPTION/
ORDERING INFORMATION
The LMV393 and LMV339 devices are low-voltage
(2.7 V to 5.5 V) versions of the dual and quad
comparators, LM393 and LM339, which operate from
5 V to 30 V. The LMV331 is the single-comparator
version.
The LMV331, LMV339, and LMV393 are the most
cost-effective solutions for applications where low-
voltage operation, low power, space saving, and price
are the primary specifications in circuit design for
portable consumer products. These devices offer
specifications that meet or exceed the familiar LM339
and LM393 devices at a fraction of the supply current.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV331IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331IDCKR TI-LMV331IDCKR Datasheet
534Kb / 17P
[Old version datasheet]   GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDCKR TI-LMV331IDCKR Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDCKR TI1-LMV331IDCKR Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
LMV331IDCKRE4 TI-LMV331IDCKRE4 Datasheet
534Kb / 17P
[Old version datasheet]   GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDCKRE4 TI1-LMV331IDCKRE4 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
More results

Similar Description - LMV331IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
   General-purpose low voltage comparators
logo
Texas Instruments
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
   General Purpose, Low Voltage, TinyPack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com