Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8603MM Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP8603MM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8603MM Datasheet(HTML) 1 Page - Texas Instruments

  LMP8603MM Datasheet HTML 1Page - Texas Instruments LMP8603MM Datasheet HTML 2Page - Texas Instruments LMP8603MM Datasheet HTML 3Page - Texas Instruments LMP8603MM Datasheet HTML 4Page - Texas Instruments LMP8603MM Datasheet HTML 5Page - Texas Instruments LMP8603MM Datasheet HTML 6Page - Texas Instruments LMP8603MM Datasheet HTML 7Page - Texas Instruments LMP8603MM Datasheet HTML 8Page - Texas Instruments LMP8603MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Charger
load
+
-
+3.3V
24V
48V
+
-
+
-
48V
Inductive
Load
Inductive
Load
+5V
IC
IL
IB
+5V
S
D
G
S
D
G
LMP8602, LMP8602Q, LMP8603, LMP8603Q
www.ti.com
SNOSB36D – JULY 2009 – REVISED MARCH 2013
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
Check for Samples: LMP8602, LMP8602Q, LMP8603, LMP8603Q
1
FEATURES
DESCRIPTION
The LMP8602 and LMP8603 are fixed gain precision
2
Unless Otherwise Noted, Typical Values at TA
amplifiers. The parts will amplify and filter small
= 25°C, VS = 5.0V, Gain = 50x (LMP8602), Gain
differential signals in the presence of high common
= 100x (LMP8603)
mode voltages. The input common mode voltage
TCVos 10μV/°C max
range is –22V to +60V when operating from a single
5V supply. With a 3.3V supply, the input common
CMRR 90 dB Min
mode voltage range is from –4V to +27V. The
Input Offset Voltage 1 mV Max
LMP8602 and LMP8603 are members of the Linear
CMVR at VS = 3.3V −4V to 27V
Monolithic Precision (LMP®) family and are ideal
CMVR at VS = 5.0V −22V to 60V
parts for unidirectional and bidirectional current
sensing applications. All parameter values of the
Operating Ambient Temperature Range
−40°C
parts that are shown in the tables are 100% tested
to 125°C
and all bold values are also 100% tested over
Single Supply Bidirectional Operation
temperature.
All Min / Max Limits 100% Tested
The parts have a precise gain of 50x for the
LMP8602Q and LMP8603Q Available in
LMP8602 and 100x for the LMP8603, which are
Automotive AEC-Q100 Grade 1 Qualified
adequate in most targeted applications to drive an
Version
ADC to its full scale value. The fixed gain is achieved
in two separate stages, a preamplifier with a gain of
10x and an output stage buffer amplifier with a gain
APPLICATIONS
of 5x for the LMP8602 and 10x for the LMP8603. The
High Side and Low Side Driver Configuration
connection between the two stages of the signal path
Current Sensing
is brought out on two pins to enable the possibility to
Bidirectional Current Measurement
create an additional filter network around the output
buffer amplifier. These pins can also be used for
Current Loop to Voltage Conversion
alternative
configurations
with
different
gain
as
Automotive Fuel Injection Control
described in the applications section.
Transmission Control
Power Steering
Battery Management Systems
Typical Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP8603MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8603MM NSC-LMP8603MM Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8603MM NSC-LMP8603MM Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8603MM TI1-LMP8603MM Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8603MM/NOPB TI1-LMP8603MM/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
LMP8603MME/NOPB TI1-LMP8603MME/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
More results

Similar Description - LMP8603MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI1-LMP8602 Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com