Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DESD5V0S1BL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DESD5V0S1BL
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DESD5V0S1BL Datasheet(HTML) 1 Page - Diodes Incorporated

  DESD5V0S1BL Datasheet HTML 1Page - Diodes Incorporated DESD5V0S1BL Datasheet HTML 2Page - Diodes Incorporated DESD5V0S1BL Datasheet HTML 3Page - Diodes Incorporated DESD5V0S1BL Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESD5V0S1BL
Document number: DS31434 Rev. 4 - 2
1 of 4
www.diodes.com
March 2012
© Diodes Incorporated
DESD5V0S1BL
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Features
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
1 Channel of ESD Protection
High Peak Pulse Current per IEC 61000-4-5 Standard
Low Channel Input Capacitance
Typically Used in Cellular Handsets, Portable Electronics,
Communication Systems, Computers and Peripherals
Lead Free/RoHS Compliant (Note 1)
Halogen and Antimony Free "Green" Device (Notes 2 & 3)
Mechanical Data
Case: X1-DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper leadframe. Solderable per MIL-
STD-202, Method 208
Weight: 0.001 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DESD5V0S1BL-7B
X1-DFN1006-2
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead.
2. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Device Schematic
Bottom View
R5 = Product Type Marking Code
Line Denotes Pin 1
X1-DFN1006-2
Pin 2
Pin 1


Similar Part No. - DESD5V0S1BL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DESD5V0S1BL-7B LEIDITECH-DESD5V0S1BL-7B Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Diodes Incorporated
DESD5V0S1BLD DIODES-DESD5V0S1BLD Datasheet
98Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD5V0S1BLD-7B DIODES-DESD5V0S1BLD-7B Datasheet
98Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD5V0S1BLP3 DIODES-DESD5V0S1BLP3 Datasheet
232Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD5V0S1BLP3-7 DIODES-DESD5V0S1BLP3-7 Datasheet
232Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results

Similar Description - DESD5V0S1BL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD3V3S1BLP3 DIODES-DESD3V3S1BLP3 Datasheet
209Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D12V0L1B2LP DIODES-D12V0L1B2LP Datasheet
262Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2T-7 DIODES-D5V0L1B2T-7 Datasheet
106Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D8V0L1B2LP3 DIODES-D8V0L1B2LP3 Datasheet
379Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD3V3Z1BCSF DIODES-DESD3V3Z1BCSF Datasheet
446Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2WS DIODES-D5V0L1B2WS Datasheet
102Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2TQ DIODES-D5V0L1B2TQ Datasheet
314Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2019 Rev. 1 - 2
D8V0L1B2LPQ DIODES-D8V0L1B2LPQ Datasheet
293Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2018 Rev. 1 - 2
DESD3V3XA1BCSF DIODES-DESD3V3XA1BCSF Datasheet
349Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
March 2021 Rev.1 - 2
D5V0L1B2S9 DIODES-D5V0L1B2S9 Datasheet
223Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com