Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5L-A0-50 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5L-A0-50
Description  Electronic Thermostat E5L
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5L-A0-50 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5L-A0-50 Datasheet HTML 1Page - Omron Electronics LLC E5L-A0-50 Datasheet HTML 2Page - Omron Electronics LLC E5L-A0-50 Datasheet HTML 3Page - Omron Electronics LLC E5L-A0-50 Datasheet HTML 4Page - Omron Electronics LLC E5L-A0-50 Datasheet HTML 5Page - Omron Electronics LLC E5L-A0-50 Datasheet HTML 6Page - Omron Electronics LLC E5L-A0-50 Datasheet HTML 7Page - Omron Electronics LLC E5L-A0-50 Datasheet HTML 8Page - Omron Electronics LLC E5L-A0-50 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E5L
5
Operating the E5L-C
@
Set temperature
1. Press the
Key to enter the Set Temperature Mode.
2. Press the
and
Keys to set the temperature. The display
will continue to change for as long as the key is held down.
Note: The default setting is the lowest temperature in the range.
Setting the Hysteresis
1. Press the
Key to enter the Hysteresis Mode.
2. Press the
and
Keys to set the value. Each time the key is
pressed, the setting will change by 1
°C. The setting will not
continue to change even if the key is held down. The key must be
released after each change. The hysteresis can be set from 1 to
9
°C, in increments of 1°C.
Note: The default setting is 1
°C.
Setting the Temperature Input Shift
1. Press the
Key for at least 3 s to enter the Temperature Input
Shift Mode.
2. Press the
and
Keys to set the value. Each time the key is
pressed, the setting will change by 1
°C. The setting will not
continue to change as the key is held down. The key must be
released after each change.
The input shift can be set from
−9 to 9°C, in increments of 1°C.
Note: 1. The default setting is 0
°C.
2. The control output turns OFF while this setting is being
made.
Setting Direct or Reverse Operation
1. Press the
Key for at least 3 s to enter the Direct/Reverse
Selection Mode.
2. Press the
and
Keys to set the value. Direct operation can
be set by pressing the
Key, and reverse operation can be set
by pressing the
Key.
Note: 1. The default setting is for reverse operation.
2. The control output turns OFF while this setting is being
made.
Process value
Power ON
Set temperature
display
Process value
display
Setting Protection
Press the
Key
for at least 3 s.
Press the
Key
for less than 1 s.
Temperature Input Shift
Direct/Reverse
Operation
Set
temperature
Hysteresis
Control stops.
Press the
and
Keys
for at least 1 s.
Press the
and
Keys
for at least 1 s.
Press the
and
Keys for at least 1 s.
Press the
Key for at least 3 s.
Press the
Key
for at least 3 s.
Press the
Key
for less than 1 s.
Press the
Key
for less than 1 s.
Hysteresis
Display
+1
°C
+5
°C
+9
°C
OFF
Power ON
Set temperature
example: -5°C
−4°C
OFF
Power ON
Hysteresis (1°C set)
Example:
64°C
Set temperature:
65°C
Hysteresis (1°C set)
Reverse Operation (Heating Control) Direct Operation (Cooling Control)
Input shift display
Thermistor measured
temperature
Tempera-
ture dis-
play
(No shift)
25
°C25°C
(+9
°C shift)
25
°C34°C
(-9
°C shift)
25
°C16°C
Direct/reverse operation
Display
Reverse operation
Direct operation


Similar Part No. - E5L-A0-50

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5LC OMRON-E5LC Datasheet
77Kb / 3P
   Ideal Replacement for Alcohol Thermometers
E5LC-1 OMRON-E5LC-1 Datasheet
77Kb / 3P
   Ideal Replacement for Alcohol Thermometers
E5LC-2 OMRON-E5LC-2 Datasheet
77Kb / 3P
   Ideal Replacement for Alcohol Thermometers
E5LC-3 OMRON-E5LC-3 Datasheet
77Kb / 3P
   Ideal Replacement for Alcohol Thermometers
E5LC-4 OMRON-E5LC-4 Datasheet
77Kb / 3P
   Ideal Replacement for Alcohol Thermometers
More results

Similar Description - E5L-A0-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
   Thermostat
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
   DIGITAL THERMOSTAT
logo
TOKO, Inc
TK11052 TOKO-TK11052 Datasheet
124Kb / 12P
   THERMOSTAT IC
logo
Texas Instruments
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
logo
STEGO Elektrotechnik Gm...
KTO-011 STEGO-KTO-011 Datasheet
244Kb / 1P
   SMALL COMPACT THERMOSTAT
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
   Programmable Digital Thermostat
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
   FROST PROTECTION THERMOSTAT
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
   LOW POWER THERMOSTAT
ELM331 ELM-ELM331 Datasheet
28Kb / 4P
   Solid State Thermostat
logo
List of Unclassifed Man...
H101 ETC2-H101 Datasheet
55Kb / 1P
   High Temperature Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com