Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC9331-16-4 Datasheet(PDF) 2 Page - API Technologies Corp

Part # DAC9331-16-4
Description  14, 15, and 16-Bit Linearity, Latched MDACs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC9331-16-4 Datasheet(HTML) 2 Page - API Technologies Corp

  DAC9331-16-4 Datasheet HTML 1Page - API Technologies Corp DAC9331-16-4 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIO N S
(Typical @ +25ºC and nominal power supply, VREF =+10V, unipolar unless otherwise noted)
M ODEL
DA C9331-16 -6 -5 -4
TY PE
M ultiplying, Latched Inputs
DIGITA L INPUT
Resolution
16-Bits
2-Quad. Unipolar Coding
Binary
4-Quad. Bipolar Coding
Offset Binary
Logic Compatibility1
DTL, TTL, CM OS
Input Leakage Current
±1µA (max):
0.4V >V LOGIC>3.2V
Strobe W idth
250nS (min)
Data Set-up Time2
500nS (min)
REFERENCE INPUT
V oltage Range
±25V (max)
Input Impedance
5K
A NA LOG OUTPUT
Gain A ccuracy3
0.1%
Offset (unipolar)4
50µV (max)
Small Signal
3dB Bandwidth
1 M Hz
Output Capacitance
Cout1
90pF
Cout2
70pF
STA TIC PERFORM A NCE
Integral Linearity (max)
±0.001% ±0.002% ±0.003%
Differential Linearity (max)
±0.0015% ±0.003% ±0.006%
M onotonicity Guaranteed
16 bits 15 bits 14 bits
DY NA M IC PERFORM A NCE
M ajor Code Transition Settling
to 0.01 % F.S.R. (strobed)
2µS
Reference Feedthrough Error
(V ref=20V pp @ 10kHz)
2mV p-p
STA BILITY 3 (Over Specified Temp. Range)
Scale Factor5
2ppm/ºC F.S.R. (typ),
6ppm/ºC (max)
Linearity
0.5ppm/ºC F.S.R. (max)
Differential Linearity
0.5ppm/ºC F.S.R. (max)
Linearity Over Time
3ppm F.S.R./1000 hrs.
POW ER SUPPLY (V DD)
V oltage Range @ Current
+15V (nom); +11.5V to
+15.5V @ 1.5mA
Rejection Ratio (14V -16V )
±0.002% /% (max)
Power Dissipation
(inputs at GND, V ref=0)
60mW (max)
TEM PERA TURE RA NGE
Operating
0ºC to +70ºC
Storage
–55ºC to +85ºC
M ECHA NICA L
Case Style
24-pin double-DIP
Case Dimensions
NOTES:
1. V IH=2.4V (min); VIL=0.8V (max)
Inputs not to exceed -0.5V to +V DD.
2. Time data must be stable before Strobe goes to “ 0”
3. Using internal feedback resistor.
4. Using the internal Rfeedback with nulled external amplifier in a
constant 25ºC ambient. (Offset doubles every 10ºC).
5. The DA C9331-16 Series is designed to be used only in those
applications where the current output is virtual ground; i.e., the
summing junction of an op amp in the inverting mode. The
internal feedback resistor (R Feedback) must be used to achieve
temperature tracking.
See A PPLICA TIONS INFORM A TION for recommended circuit
configurations.
6. For further information on long term drift refer to HS 9377 A pplication.
Notes
O RD ERIN G IN FO RMATIO N
Consult factory for application information.
M ODEL NUM BER
DESCRIPTION
DA C9331-16-4
14-BIT Linearity M DA C
DA C9331-16-5
15-BIT Linearity M DA C
DA C9331-16-6
16-BIT Linearity M DA C
CA UTION: ESD (Electro-Static Discharge) sensitive device. Permanent damage
may occur when unconnected devices are subjected to high energy
electro-static fields. Unless otherwise noted, the voltage at any digital input
should never exceed the supply voltage by more than 0.5 volts
or go below –0.5 volts.
Specifications subject to change without notice.
PIN
FUNCTION PIN FUNCTION
1
Bit 112
24
Bit 13
2
Bit 211
23
Bit 14
3
Bit 3010
22
Bit 15
4
Bit 49
21
Bit 16
5
Bit 58
20
M SB LA TCH
6
Bit 67
19
LSB LA TCH
7
Bit 76
18
A NA GND
8
Bit 85
17
+15V
9
Bit 94
16
1 OUT 1
10
Bit 103
15
1 OUT 2
11
Bit 112
14
RFEEDBACK
12
Bit 121
13
REF IN
0.018 ±0.002
(0.46 ±0.05)
0.010 +0.002 – 0.001
(0.25 + 0.005 – 0.003)
1.310
(33.274)
M A X
0.800
(20.321)
M A X
0.165
(4.191)
M A X
0.600 ±0.010
(15.24 ±0.25)
0.025 ±0.010
(0.64 ±0.25)
0.800
(20.321)
0.205
(5.21)
M IN
DIM ENSIONS
inches
(mm)
0.100 ±0.005
(2.54 ±0.13)
TY P
PIN (1) INDEX
12
1
13
24
DAC9331-16


Similar Part No. - DAC9331-16-4

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DAC9331-16-4 APITECH-DAC9331-16-4 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
More results

Similar Description - DAC9331-16-4

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DAC9331-17 APITECH-DAC9331-17 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
logo
Texas Instruments
CY74FCT163543 TI-CY74FCT163543 Datasheet
64Kb / 7P
[Old version datasheet]   16-Bit Latched Transceiver
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Pericom Semiconductor C...
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Texas Instruments
ADS1203 TI1-ADS1203_14 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com