Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3548S-2AC-103A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3548S-2AC-103A
Description  5-Turn Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3548S-2AC-103A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3548S-2AC-103A Datasheet HTML 1Page - Bourns Electronic Solutions 3548S-2AC-103A Datasheet HTML 2Page - Bourns Electronic Solutions 3548S-2AC-103A Datasheet HTML 3Page - Bourns Electronic Solutions 3548S-2AC-103A Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3548 - 5-Turn Precision Potentiometer
Product Dimensions
Single Gang, Servo Mount
Dual Gang, Servo Mount
TOLERANCES: EXCEPT WHERE NOTED
DECIMALS: .XX
±
.XXX
±
.XXXX
±
DIMENSIONS:
1
3 CW
CLOCKWISE
CCW
2 WIPER
.50
(.02)
.127
(.005)
.0127
(.0005)
MM
(IN)
30
° ± 5 °
16.256
(.640)
MAX.
R
22.225
± 0.381
(.875
± .015)
DIA.
25.222
± 0.787
(.993
± .031)
6.858
± 0.254
(.270
± .010)
1.575
(.062)
1.575
(.062)
1.575
(.062)
9.525
± 0.787
(.375
± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7
± 0.254
(.500
± .010)
11.13
± 0.381
(.438
± .015)
19.46
± 0.381
(.766
± .015)
23.86
± 0.381
(.939
± .015)
MOUNTING SURFACE
2
1
3
30
° ± 5 °
16.256
(.640)
MAX.
R
22.225
± 0.381
(.875
± .015)
DIA.
6.858
± 0.254
(.270
± .010)
1.575
(.062)
1.575
(.062)
1.575
(.062)
9.525
± 0.787
(.375
± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7
± 0.254
(.500
± .010)
11.43
± 0.381
(.450
± .015)
19.76
± 0.381
(.778
± .015)
24.206
± 0.381
(.953
± .015)
MOUNTING SURFACE
2
2
1
1
3
3
31.88
± 0.78
(1.255
± .031)
40.21
± 0.78
(1.583
± .031)
44.65
± 0.78
(1.758
± .031)
45.67
± 0.78
(1.798
± .031)
1
3 CW
CCW
1
3 CW
CLOCKWISE
CCW
WIPER
2
2


Similar Part No. - 3548S-2AC-103A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3548S BOURNS-3548S Datasheet
48Kb / 4P
   Precision Potentiometer
More results

Similar Description - 3548S-2AC-103A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
3381 TTELEC-3381 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
6273 TTELEC-6273 Datasheet
708Kb / 3P
   Single-Turn Precision Potentiometer
6370 TTELEC-6370 Datasheet
788Kb / 3P
   Single-Turn Precision Potentiometer
9300 TTELEC-9300 Datasheet
742Kb / 4P
   Multi-Turn Precision Potentiometer
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
   Multi-Turn Precision Potentiometer
5100 TTELEC-5100 Datasheet
710Kb / 4P
   Single-Turn Precision Potentiometer
5400 TTELEC-5400 Datasheet
766Kb / 4P
   Single-Turn Precision Potentiometer
6130 TTELEC-6130 Datasheet
717Kb / 3P
   Single-Turn Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com