Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670MF-18 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3670MF-18
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3670MF-18 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3670MF-18 Datasheet HTML 2Page - Texas Instruments LM3670MF-18 Datasheet HTML 3Page - Texas Instruments LM3670MF-18 Datasheet HTML 4Page - Texas Instruments LM3670MF-18 Datasheet HTML 5Page - Texas Instruments LM3670MF-18 Datasheet HTML 6Page - Texas Instruments LM3670MF-18 Datasheet HTML 7Page - Texas Instruments LM3670MF-18 Datasheet HTML 8Page - Texas Instruments LM3670MF-18 Datasheet HTML 9Page - Texas Instruments LM3670MF-18 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
1 MHz
Oscillator
Soft
Start
Ramp
Generator
+
-
Thermal
Shutdown
Undervoltage
Lockout
VREF
+
-
0.5V
Error
Amp
Control Logic
Driver
Current Limit
Comparator
Ref1
PFM Current
Comparator
Ref2
SW
Zero Crossing
Comparator
FB
EN
VIN
PWM Comparator
pfm_low
pfm_hi
GND
Bandgap
+
-
Vcomp
1.0V
Frequency
Compensation
Adj Version
Fixed Version
LM3670
SNVS250E – NOVEMBER 2004 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full operating junction temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise noted VIN = 3.6V, VOUT = 1.8V, IO = 150mA, EN = VIN
Symbol
Parameter
Condition
Min
Typ
Max
Units
IEN
Enable (EN) Input Current
0.01
1
µA
FOSC
Internal Oscillator Frequency
PWM Mode
550
1000
1300
kHz
Figure 4. Simplified Functional Diagram
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3670


Similar Part No. - LM3670MF-18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670MF-18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com