Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3548S-2BC-502A Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 3548S-2BC-502A
Description  5-Turn Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3548S-2BC-502A Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  3548S-2BC-502A Datasheet HTML 1Page - Bourns Electronic Solutions 3548S-2BC-502A Datasheet HTML 2Page - Bourns Electronic Solutions 3548S-2BC-502A Datasheet HTML 3Page - Bourns Electronic Solutions 3548S-2BC-502A Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
“Hybritron” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3548 - 5-Turn Precision Potentiometer
Panel Thickness Dimensions
(For Bushing Mount Only)
PANEL
POT
LOCKWASHER
HEX NUT
2.46 - 3.81
(.097 - .150)
1.60 +.08/-.03
(.063 +.003/-.001)
10.44 ± .07
(.411 ± .003)
DIA.
DIA.
ADDITIONAL HOLE FOR
ANTI-ROTATION PIN
MM
(INCHES)
DIMENSIONS:
Anti-rotation pin hole is shown at six o'clock
position for reference only. The actual location is
determined by the customer's application. Refer
to the front view of the potentiometer to see the
location of the optional A/R pin.
Panel thickness and hole diameters are
recommended for best fit. However, customers
may adjust the dimensions to suit their specific
application.
TOLERANCES: ±
7.42
(.292)
R
0.127
(.005)
How To Order
REV. 10/11
3
548
S
-
2
A A
-
1
03
/
10
3
A
Code
H
S
Description
Hybritron®
Wirewound
ELEMENT TYPE
Code
A
B
Description
None
180
°
ANTI-ROTATION LUG
Code
3548
Description
5-Turn
MODEL DESIGNATOR
Code
1
2
Description
Single
Dual
NO. OF SECTIONS
Code
Element Type
Hybritron®
Hybritron®
Hybritron®
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Resolution
0.069
0.054
0.043
0.04
0.038
0.029
0.023
0.017
RESISTANCE**
Code
A
B
Description
0.25 %
0.15 %
INDEPENDENT LINEARITY
102 (1K ohms)
502 (5K ohms)
103 (10K ohms)
201 (200 ohms)
501 (500 ohms)
102 (1K ohms)
202 (2K ohms)
502 (5K ohms)
103 (10K ohms)
203 (20K ohms)
503 (50K ohms)
** For Single gang, use only first three digits.
For Dual gang, use six digits separated by a "/".
* Anti-rotation lug is not available for
servo mount versions.
*** Not available in dual gang version.
Code
A
B
C
D
G
H
Shaft FMS
13/16 "
20.6 mm
13/16 "
20.6 mm
13/16 "
20.6 mm
Shaft Material
Nickel Plated Brass
Nickel Plated Brass
Stainless Steel
Stainless Steel
Stainless Steel
Stainless Steel
Shaft Dia.
1/4 "
6 mm
1/4 "
6 mm
1/4 "
6 mm
Bushing Dia.
3/8 "
9 mm
3/8 "
9 mm
3/8 "
9 mm
Bushing Material
Brass
Brass
Bronze
Bronze
Bronze
Bronze
Slip Clutch
N/A
N/A
N/A
N/A
Yes***
Yes***
BUSHING MOUNT
Code
E
Shaft FMS
3/8 "
Shaft Material
Stainless Steel
Shaft Dia.
1/8 "
SERVO MOUNT


Similar Part No. - 3548S-2BC-502A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3548S BOURNS-3548S Datasheet
48Kb / 4P
   Precision Potentiometer
More results

Similar Description - 3548S-2BC-502A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
3381 TTELEC-3381 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
6273 TTELEC-6273 Datasheet
708Kb / 3P
   Single-Turn Precision Potentiometer
6370 TTELEC-6370 Datasheet
788Kb / 3P
   Single-Turn Precision Potentiometer
9300 TTELEC-9300 Datasheet
742Kb / 4P
   Multi-Turn Precision Potentiometer
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
   Multi-Turn Precision Potentiometer
5100 TTELEC-5100 Datasheet
710Kb / 4P
   Single-Turn Precision Potentiometer
5400 TTELEC-5400 Datasheet
766Kb / 4P
   Single-Turn Precision Potentiometer
6130 TTELEC-6130 Datasheet
717Kb / 3P
   Single-Turn Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com