Electronic Components Datasheet Search |
|
3548S-1BD-502A Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
3548S-1BD-502A Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
2 / 4 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 3548 - 5-Turn Precision Potentiometer Product Dimensions Single Gang, Bushing Mount Dual Gang, Bushing Mount 30 ° ± 5 ° 12.649 ± 0.254 (.498 ± .010) MOUNTING FACE 16.256 (.640) MAX. R DIA. 22.479 ± 0.812 (.885 ± .032) DIA. 6.86 ± 0.25 (.270 ± .010) 1.52 (.060) 20.643 ± 0.787 (.813 ± .031) 7.92 ± 0.381 (.312 ± .015) SHAFT DIMENSION “A” 10.287 + 0.00/-0.05 (.405 +0.00/-.002) 12.7 ± 0.254 (.500 ± .010) 6.02 ± 0.381 (.237 ± .015) 0.813 (.032) 14.351 ± 0.381 (.565 ± .015) 18.796 ± 0.381 (.740 ± .015) MOUNTING SURFACE BUSHING TYPE “B” ADJ. SLOT: WIDE X 0.813 ± .0004 (.032 ± .010) DEEP 1.499 (.059) OPTIONAL ANTI- ROTATIONAL PIN AND 7.366 (.290) RADIUS 1.016 (.040) FROM MOUNTING SURFACE ON 26.467 ± 0.762 (1.042 ± .030) 34.798 ± 0.762 (1.370 ± .030) 39.243 ± 0.762 (1.545 ± .030) 40.259 ± 0.762 (1.585 ± .030) 2 2 1 1 3 3 1 3 CW CCW 1 3 CW CLOCKWISE CCW WIPER 2 2 30 ° ± 5 ° 12.649 ± 0.254 (.498 ± .010) MOUNTING FACE 16.256 (.640) MAX. R DIA. DIA. 22.479 ± 0.812 (.885 ± .032) 19.812 ± 0.812 (.780 ± .032) 6.86 ± 0.25 (.270 ± .010) 1.524 ± 0.254 (.060 ± .010) 20.617 ± 0.787 (.812 ± .031) 7.92 ± 0.381 (.312 ± .015) SHAFT DIMENSION “A” 10.287 + 0.00/-0.05 (.405 +0.00/-.002) 12.7 ± 0.254 (.500 ± .010) 5.715 ± 0.381 (.225 ± .015) 0.762 (.030) 0.813 (.032) 14.046 ± 0.381 (.553 ± .015) 18.446 ± 0.381 (.726 ± .015) MOUNTING SURFACE BUSHING TYPE “B” ADJUSTMENT SLOT: WIDE X 0.813 (.032) DEEP 1.499 (.059) OPTIONAL ANTI- ROTATIONAL PIN AND 7.366 (.290) RADIUS 1.016 (.040) FROM MOUNTING SURFACE ON R 2 1 3 TOLERANCES: EXCEPT WHERE NOTED DECIMALS: .XX ± .XXX ± .XXXX ± DIMENSIONS: 1 3 CW CLOCKWISE CCW 2 WIPER .50 (.02) .127 (.005) .0127 (.0005) MM (IN) Shaft Dimension "A" 6.34 +0/-0.022 (0.2497 +0/-0.0009) 6.00 +0/-0.022 (0.2362 +0/-0.0009) 6.34 +0/-0.007 (0.2497 +0/-0.0003) 6.00 +0/-0.007 (0.2362 +0/-0.0003) 6.34 +0/-0.007 (0.2497 +0/-0.0003) 6.00 +0/-0.007 (0.2362 +0/-0.0003) Bushing Selection Code A B C D G H Bushing Type "B" 3/8 " 32-UNEF- 2A THD. M9 X 0.75-8g 3/8 " 32-UNEF- 2A THD. M9 X 0.75-8g 3/8 " 32-UNEF- 2A THD. M9 X 0.75-8g Shaft Material Nickel Plated Brass Nickel Plated Brass Stainless Steel Stainless Steel Stainless Steel Stainless Steel Bushing Material Brass Brass Bronze Bronze Bronze Bronze |
Similar Part No. - 3548S-1BD-502A |
|
Similar Description - 3548S-1BD-502A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |