Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4900M Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4900M
Description  LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4900M Datasheet(HTML) 5 Page - Texas Instruments

  LM4900M Datasheet HTML 1Page - Texas Instruments LM4900M Datasheet HTML 2Page - Texas Instruments LM4900M Datasheet HTML 3Page - Texas Instruments LM4900M Datasheet HTML 4Page - Texas Instruments LM4900M Datasheet HTML 5Page - Texas Instruments LM4900M Datasheet HTML 6Page - Texas Instruments LM4900M Datasheet HTML 7Page - Texas Instruments LM4900M Datasheet HTML 8Page - Texas Instruments LM4900M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
OBSOLETE
LM4900
www.ti.com
SNAS121D – APRIL 2001 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for VDD = 2.6V, for all available packages, unless otherwise specified. Limits apply for TA =
25°C
LM4900
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limits)
(3)
(4)
IDD
Quiescent Power Supply
VIN = 0V, IO = 0A
(5)
2.6
4
mA (max)
Current
ISD
Shutdown Current
VPIN1 = VDD
0.1
2.0
μA (max)
VOS
Output Offset Voltage
VIN = 0V
5
mV
PO
Output Power
THD = 1% (max); f = 1kHz; RL = 8Ω
130
mW
Total Harmonic
PO = 100 mWrms; AVD = 2; RL = 8Ω;
THD+N
0.4
%
Distortion+Noise
20Hz
≤ f ≤ 20kHz, BW < 80kHz
f = 217Hz(6)
58
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mV sine p-p
dB
f = 1KHz(6)
63
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric normal.
(4)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(5)
The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
(6)
10
Ω terminated input.
EXTERNAL COMPONENTS DESCRIPTION
(Figure 1)
Components
Functional Description
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with RF. This resistor also forms a high pass filter
with Ci at fc = 1/(2π RiCI).
2.
Ci
Input coupling capacitor which blocks the DC voltage at the amplifier's input terminals. Also creates a highpass filter with Ri
at fc = 1/(2π RiCi). Refer to the section, PROPER SELECTION OF EXTERNAL COMPONENTS for an explanation of how
to determine the value of Ci.
3.
RF
Feedback resistance which sets the closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY BYPASSING section for
information concerning proper placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor which provides half-supply filtering. Refer to the PROPER SELECTION OF EXTERNAL
COMPONENTS for information concerning proper placement and selection of CB.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4900


Similar Part No. - LM4900M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4900M NSC-LM4900M Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4900MM NSC-LM4900MM Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4900M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4902 TI-LM4902_15 Datasheet
1Mb / 24P
[Old version datasheet]   Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4902 NSC-LM4902 Datasheet
772Kb / 18P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4900 NSC-LM4900 Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM4670SD TI1-LM4670SD Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer Audio Power Amplifier Series Filterless High
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
Power Integrations, Inc...
DI-134 POWERINT-DI-134 Datasheet
388Kb / 2P
   Audio Amplifier Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com