Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5010SDX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5010SDX
Description  High-Voltage 1-A Step-Down Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010SDX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5010SDX Datasheet HTML 5Page - Texas Instruments LM5010SDX Datasheet HTML 6Page - Texas Instruments LM5010SDX Datasheet HTML 7Page - Texas Instruments LM5010SDX Datasheet HTML 8Page - Texas Instruments LM5010SDX Datasheet HTML 9Page - Texas Instruments LM5010SDX Datasheet HTML 10Page - Texas Instruments LM5010SDX Datasheet HTML 11Page - Texas Instruments LM5010SDX Datasheet HTML 12Page - Texas Instruments LM5010SDX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
tON =
1.18 x 10
-10 x (RON + 1.4k)
VIN - 1.4V
+ 67 ns
FB
SW
L1
C2
R1
R2
R3
BST
VCC
D2
C3
C4
D1
LM5010
VOUT2
VOUT1
S
GND
I
SEN
LM5010
www.ti.com
SNVS307E – SEPTEMBER 2004 – REVISED FEBRUARY 2005
Start-up Regulator (VCC)
The startup regulator is integral to the LM5010. The input pin (VIN) can be connected directly to line voltages up
to 75V. The VCC output is regulated at 7.0V, ±6%, and is current limited to 10 mA. Upon power up the regulator
sources current into the external capacitor at VCC (C3). With a 0.1 µF capacitor at VCC, approximately 58 µs are
required for the VCC voltage to reach the under-voltage lockout threshold (UVLO) of 5.8V (t1 in Figure 8), at
which time the buck switch is enabled, and the soft start pin is released to allow the soft start capacitor (C6) to
charge up. VOUT then increases to its regulated value as the soft start voltage increases (t2 in Figure 8).
The minimum input operating voltage is determined by the regulator’s dropout voltage, the VCC UVLO falling
threshold (
≊5.65V), and the frequency. When VCC falls below the falling threshold the VCC UVLO activates to shut
off the buck switch and ground the soft start pin. If VCC is externally loaded, the minimum input voltage increases
since the output impedance at VCC is ≊140Ω at low VIN. SeeFigure 2 and Figure 3. In applications involving a
high value for VIN where power dissipation in the startup regulator is a concern, an auxiliary voltage can be diode
connected to the VCC pin (Figure 10). Setting the auxiliary voltage to between 7.5V and 14V shuts off the internal
regulator, reducing internal power dissipation. The current required into the VCC pin is shown in Figure 4.
Internally a diode connects VCC to VIN.
Figure 10. Self Biased Configuration
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the Softstart pin (2.5V, ±2%). In normal operation (the
output voltage is regulated) an on-time period is initiated when the voltage at FB falls below 2.5V. The buck
switch stays on for the on-time causing the FB voltage to rise above 2.5V. After the on-time period the buck
switch stays off until the FB voltage falls below 2.5V. Bias current at the FB pin is less than 5 nA over
temperature.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal 2.9V reference. If the voltage at FB rises above 2.9V the
on-time is immediately terminated. This condition can occur if the input voltage, or the output load, change
suddenly. The buck switch will not turn on again until the voltage at FB falls below 2.5V.
ON-Time Control
The on-time of the internal switch (see Figure 5) is determined by the RON resistor and the input voltage (VIN),
calculated from the following:
(5)
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5010


Similar Part No. - LM5010SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010SDX NSC-LM5010SDX Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010SDX TI1-LM5010SDX Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com