Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7171AIM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM7171AIM
Description  LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171AIM Datasheet(HTML) 5 Page - Texas Instruments

  LM7171AIM Datasheet HTML 1Page - Texas Instruments LM7171AIM Datasheet HTML 2Page - Texas Instruments LM7171AIM Datasheet HTML 3Page - Texas Instruments LM7171AIM Datasheet HTML 4Page - Texas Instruments LM7171AIM Datasheet HTML 5Page - Texas Instruments LM7171AIM Datasheet HTML 6Page - Texas Instruments LM7171AIM Datasheet HTML 7Page - Texas Instruments LM7171AIM Datasheet HTML 8Page - Texas Instruments LM7171AIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM7171
www.ti.com
SNOS760B – MAY 1999 – REVISED MARCH 2013
±5V DC Electrical Characteristics
Unless otherwise noted, all limits are specified for TJ = 25°C, V
+ = +5V, V= −5V, V
CM = 0V, and RL = 1 kΩ. Boldface limits
apply at the temperature extremes
Symbol
Parameter
Conditions
LM7171AI
LM7171BI
Units
Typ(1)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
0.3
1.5
3.5
mV
4
7
max
TC VOS
Input Offset Voltage Average
35
μV/°C
Drift
IB
Input Bias Current
3.3
10
10
μA
12
12
max
IOS
Input Offset Current
0.1
4
4
μA
6
6
max
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
3.3
RO
Output Resistance
15
Ω
CMRR
Common Mode Rejection
VCM = ±2.5V
104
80
70
dB
Ratio
75
65
min
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
90
85
75
dB
80
70
min
VCM
Input Common-Mode Voltage
CMRR > 60 dB
±3.2
V
Range
AV
Large Signal Voltage Gain (3)
RL = 1 kΩ
78
75
70
dB
70
65
min
RL = 100Ω
76
72
68
dB
67
63
min
VO
Output Swing
RL = 1 kΩ
3.4
3.2
3.2
V
3
3
min
−3.4
−3.2
−3.2
V
−3
−3
max
RL = 100Ω
3.1
2.9
2.9
V
2.8
2.8
min
−3.0
−2.9
−2.9
V
−2.8
−2.8
max
Output Current (Open Loop)
Sourcing, RL = 100Ω
31
29
29
mA
(4)
28
28
min
Sinking, RL = 100Ω
30
29
29
mA
28
28
max
ISC
Output Short Circuit Current
Sourcing
135
mA
Sinking
100
IS
Supply Current
6.2
8
8
mA
9
9
max
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = ±5V, VOUT = ±1V.
(4)
The open loop output current is specified, by the measurement of the open loop output voltage swing, using 100
Ω output load.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7171


Similar Part No. - LM7171AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171AIM NSC-LM7171AIM Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AIM NSC-LM7171AIM Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AIMNOPB NSC-LM7171AIMNOPB Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AIMX NSC-LM7171AIMX Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AIMX NSC-LM7171AIMX Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
More results

Similar Description - LM7171AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP TI1-LM7171QML-SP Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI-LM7171QML_V02 Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com