Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7101BIM5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101BIM5
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7101BIM5 Datasheet(HTML) 1 Page - Texas Instruments

  LMC7101BIM5 Datasheet HTML 1Page - Texas Instruments LMC7101BIM5 Datasheet HTML 2Page - Texas Instruments LMC7101BIM5 Datasheet HTML 3Page - Texas Instruments LMC7101BIM5 Datasheet HTML 4Page - Texas Instruments LMC7101BIM5 Datasheet HTML 5Page - Texas Instruments LMC7101BIM5 Datasheet HTML 6Page - Texas Instruments LMC7101BIM5 Datasheet HTML 7Page - Texas Instruments LMC7101BIM5 Datasheet HTML 8Page - Texas Instruments LMC7101BIM5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LMC7101, LMC7101Q
www.ti.com
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and
Output
Check for Samples: LMC7101, LMC7101Q
1
FEATURES
Rail-to-Rail Input and Output
Temperature Range –40°C to 125°C
2
Tiny 5-Pin SOT-23 Package Saves
(LMC7101Q)
Space—Typical Circuit Layouts Take Half the
Space of 8-Pin SOIC Designs
APPLICATIONS
Guaranteed Specs at 2.7V, 3V, 5V, 15V
Supplies
Mobile Communications
Typical Supply Current 0.5 mA at 5V
Notebooks and PDAs
Typical Total Harmonic Distortion of 0.01% at
Battery Powered Products
5V
Sensor Interface
1.0 MHz Gain-Bandwidth
Automotive Applications (LMC7101Q)
Similar to Popular LMC6482/LMC6484
DESCRIPTION
The LMC7101 is a high performance CMOS operational amplifier available in the space saving 5-Pin SOT-23
Tiny package. This makes the LMC7101 ideal for space and weight critical designs. The performance is similar
to a single amplifier of the LMC6482/LMC6484 type, with rail-to-rail input and output, high open loop gain, low
distortion, and low supply currents.
The main benefits of the Tiny package are most apparent in small portable electronic devices, such as mobile
phones, pagers, notebook computers, personal digital assistants, and PCMCIA cards. The tiny amplifiers can be
placed on a board where they are needed, simplifying board layout.
Connection Diagram
Figure 1. 5-Pin SOT-23
Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC7101BIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101BIM5 NSC-LMC7101BIM5 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
logo
Micrel Semiconductor
LMC7101BIM5 MICREL-LMC7101BIM5 Datasheet
154Kb / 12P
   Low-Power Operational Amplifier
logo
National Semiconductor ...
LMC7101BIM5 NSC-LMC7101BIM5 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Micrel Semiconductor
LMC7101BIM5 MICREL-LMC7101BIM5 Datasheet
134Kb / 12P
   Low-Power Operational Amplifier
logo
Texas Instruments
LMC7101BIM5 TI1-LMC7101BIM5 Datasheet
1Mb / 33P
[Old version datasheet]   Tiny Low-Power Operational Amplifier
More results

Similar Description - LMC7101BIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7101AIM5X TI-LMC7101AIM5X Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC7101 TI-LMC7101_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMC7101, LMC7101Q-Q1 Tiny Low-Power Operational Amplifier With Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
108335 TI-108335 Datasheet
1Mb / 21P
[Old version datasheet]   Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111BIM5 TI-LMC7111BIM5 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com