Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

293D1-7X9010D8W Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 293D1-7X9010D8W
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D1-7X9010D8W Datasheet(HTML) 8 Page - Vishay Siliconix

  293D1-7X9010D8W Datasheet HTML 1Page - Vishay Siliconix 293D1-7X9010D8W Datasheet HTML 2Page - Vishay Siliconix 293D1-7X9010D8W Datasheet HTML 3Page - Vishay Siliconix 293D1-7X9010D8W Datasheet HTML 4Page - Vishay Siliconix 293D1-7X9010D8W Datasheet HTML 5Page - Vishay Siliconix 293D1-7X9010D8W Datasheet HTML 6Page - Vishay Siliconix 293D1-7X9010D8W Datasheet HTML 7Page - Vishay Siliconix 293D1-7X9010D8W Datasheet HTML 8Page - Vishay Siliconix 293D1-7X9010D8W Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40002
48
Revision: 02-Jun-09
293D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Standard Industrial Grade
50 VDC AT + 85 °C, 33 VDC AT + 125 °C
6.8
D
293D685(1)050D(2)
3.4
6
0.9
0.41
6.8
E
293D685(1)050E(2)
3.4
6
0.9
0.43
10
D
293D106(1)050D(2)
5.0
6
0.8
0.43
10
E
293D106(1)050E(2)
5.0
6
0.8
0.45
15
E
293D156(1)050E(2)
7.5
6
0.8
0.45
63 VDC AT + 85 °C, 40 VDC AT + 125 °C
4.7
D
293D475(1)063D(2)
3.0
6
1.1
0.37
10
E
293D106(1)063E(2)
6.3
6
1.0
0.41
Notes
• (1) Tolerance: X0, X9, X5
• (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
0.1
100
10
1
100M
1K
10K
100K
1M
10M
IMPEDANCE
ESR
4.7 µF, 10 VDC-B CASE
4.7 µF, 10 VDC-D CASE
Ω
FREQUENCY IN (Hz)
0.1
100
10
1
100M
1K
10K
100K
1M
10M
FREQUENCY IN (Hz)
IMPEDANCE
ESR
10 µF, 16 VDC-C CASE
Ω
0.1
100
10
1
100M
1K
10K
100K
1M
10M
FREQUENCY IN (Hz)
IMPEDANCE
ESR
22 µF, 20 VDC-D CASE
6.8 µF, 20 VDC-C CASE
Ω
0.1
100
10
1
100M
1K
10K
100K
1M
10M
FREQUENCY IN (Hz)
IMPEDANCE
ESR
1 µF, 35 VDC-B CASE
6.8 µF, 35 VDC-D CASE
Ω


Similar Part No. - 293D1-7X9010D8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D1041035A2 VISHAY-293D1041035A2 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D1041050A2 VISHAY-293D1041050A2 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D104X9035A2TE3 VISHAY-293D104X9035A2TE3 Datasheet
511Kb / 24P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
01-Jan-2022
293D104X9050A2TE3 VISHAY-293D104X9050A2TE3 Datasheet
511Kb / 24P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
01-Jan-2022
293D105(1)020A(2) VISHAY-293D105(1)020A(2) Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
More results

Similar Description - 293D1-7X9010D8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X0050E2TE3 VISHAY-293D106X0050E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D105X0035B2TE3 VISHAY-293D105X0035B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9025C2TE3 VISHAY-293D106X9025C2TE3 Datasheet
150Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D106X9010B2W VISHAY-293D106X9010B2W Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
293D156X9020D2T VISHAY-293D156X9020D2T Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com