Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6482IMMX Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482IMMX
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482IMMX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC6482IMMX Datasheet HTML 5Page - Texas Instruments LMC6482IMMX Datasheet HTML 6Page - Texas Instruments LMC6482IMMX Datasheet HTML 7Page - Texas Instruments LMC6482IMMX Datasheet HTML 8Page - Texas Instruments LMC6482IMMX Datasheet HTML 9Page - Texas Instruments LMC6482IMMX Datasheet HTML 10Page - Texas Instruments LMC6482IMMX Datasheet HTML 11Page - Texas Instruments LMC6482IMMX Datasheet HTML 12Page - Texas Instruments LMC6482IMMX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
LMC6482
www.ti.com
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = +15V, Single Supply, TA = 25°C unless otherwise specified
Input Voltage Noise vs. Input Voltage
Crosstalk Rejection vs. Frequency
Figure 16.
Figure 17.
Crosstalk Rejection vs. Frequency
Positive PSRR vs. Frequency
Figure 18.
Figure 19.
Negative PSRR vs. Frequency
CMRR vs. Frequency
Figure 20.
Figure 21.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC6482


Similar Part No. - LMC6482IMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI1-LMC6482IMMX Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482IMMX TI1-LMC6482IMMX Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482IMMX/NOPB TI1-LMC6482IMMX/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482IMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_16 Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com