Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS22S5A1CHBRL101 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # AMS22S5A1CHBRL101
Description  Non-Contacting Analog Rotary Position Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AMS22S5A1CHBRL101 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  AMS22S5A1CHBRL101 Datasheet HTML 1Page - Bourns Electronic Solutions AMS22S5A1CHBRL101 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Non-contacting magnetic technology
Highly resistant to vibration/shock
Highly resistant to fluid/dust ingress
Programmable at factory for zero position
Robust design for industrial applications
Highly repeatable
RoHS compliant*
AMS22S Non-Contacting Analog Rotary Position Sensor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics1 (@ 25 °C)
VDD Supply Voltage .................................................................................................. 5 V ± 10 %
Supply Current 2
For Low Speed Processing (Code L)................................................................... 10 mA max.
For High Speed Processing (Code H) ................................................................. 20 mA max.
Output Signal (Single) ..................................................................................................... Analog
Independent Linearity ...................................................................................................... ±0.5 %
(±0.3 % available on request)
Hysteresis.........................................................................................................0.2 % VDD max.
Effective Electrical Angle 3.................................................................................................. 340 °
Programmable Electrical Angle .................................................. 10 ° to 360 ° (10 ° increments)
Voltage Output (Programmable)................................................................ 1 to 99 % VDD ±1 %
Output Resolution.................................................................................................12 bit @ 360 °
Load Resistance Recommended ....................................................................... 10K ohms to
Overvoltage Protection .................................................................................................+20 VDC
Reverse Voltage Protection ...........................................................................................-10 VDC
Environmental Characteristics
Operating Temperature......................................................................................-40 ° to +125 °C
Moisture Resistance .........................................................................MIL-STD-202, Method 106
Insulation Resistance @ 500 VAC..........................................................................500 M
Ω min.
Rotational Life (Shaft Revolutions) .............................................................................. 50 million
Vibration ..............................................................................................................................15 G
Shock...................................................................................................................................50 G
IP Rating.............................................................................................................................. IP50
ESD Rating................................................................................................................. 2 kV max.
Mechanical Characteristics (@ 25 °C)
Mechanical Angle ..................................................................................................... Continuous
Shaft/RPM ...........................................................................................................200 RPM max.
Torque (Starting & Running) ...........................................................1.06 N-cm. (1.5 oz-in.) max.
Shaft Material ...................................................................................................... Stainless steel
Terminals ................................................................. Brass / 100 % matte tin over Ni Strike (e3)
Bearing .................................................................................................................Bronze sleeve
Soldering Condition
Manual Soldering ................................................. 96.5Sn/3.0Ag/0.5Cu solid wire or no-clean
rosin cored wire; 370 °C (700 °F) max. for 3 seconds
Wave Soldering............................................. 96.5Sn/3.0Ag/0.5Cu solder with no-clean fl ux;
260 °C (500 °F) max. for 5 seconds
Wash processes ........................................................................................Not recommended
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
2 See “Processing Speed” in How to Order selection guide.
3 Other Effective Electrical Angles available. See How to Order selection guide.
Product Dimensions
+
S1
CW
S1
VOUT
CCW
OUTPUT VOLTAGE INCREASES WHEN
SHAFT IS ROTATED IN THIS DIRECTION
(SEE HOW TO ORDER FOR
DIRECTION CODE)
12.7 ± 0.76
(.500 ± .030)
1.57 ± 0.10
(.062 ± .004)
1.57 ± 0.10
(.062 ± .004)
1.57 ± 0.10
(.062 ± .004)
3.167 +.000/-.025
(.1247 +.000/-.001)
DIA.
MAX. DIA.
3 PLCS.
3 PLCS.
0.51
(.020)
22.23
(.875)
DIA.
19.69
(.775)
MAX.
DIA.
5.08
(.200)
3 PLCS.
GND
(GROUND)
SIGNAL
(OUTPUT)
V+ SUPPLY
(INPUT)
4.06 ± 0.38
(.160 ± .015)
5.08
(.200)
5.08
(.200)
45 ° ± 5 °
1.02
(.040)
2.80 ± 0.10
(.110 ± .004)
0.51
(.020)
2.03
(.080)
1.55 ± 0.25
(.061 ± .010)
19.05 +.000/-.025
(.750 +.000/-.001)
19.69
(.775)
15.62
(.615)
+
VDD (5 V)
GND
3.18 +.000/-.025
(.125 +.000/-.001)
DIA.
DIA.
MIN.
2.67 +.000/-.076
(.105 +.000/-.003)
7.80
(.307)
FLATTED
OPTION
DIMENSIONS:
MM
(INCHES)
Schematic
Rotational Life vs. Shaft Side Load
40
50
60
30
20
10
0
0
100
200
Shaft Side Load (grams)
300
400
500
50
150
250
350
450
Fig.
1


Similar Part No. - AMS22S5A1CHBRL101

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22S5A1BHAF BOURNS-AMS22S5A1BHAF Datasheet
259Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHBF BOURNS-AMS22S5A1BHBF Datasheet
259Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHBFL334 BOURNS-AMS22S5A1BHBFL334 Datasheet
202Kb / 2P
   AMS22S Non-Contacting Analog Rotary Position Sensor
More results

Similar Description - AMS22S5A1CHBRL101

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22U5A1BHAR BOURNS-AMS22U5A1BHAR Datasheet
277Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B_14 Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BLAF BOURNS-AMS22B5A1BLAF Datasheet
264Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHAF BOURNS-AMS22S5A1BHAF Datasheet
259Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHBF BOURNS-AMS22S5A1BHBF Datasheet
259Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHAS BOURNS-AMS22B5A1BHAS Datasheet
264Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U_14 Datasheet
293Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S BOURNS-AMS22S Datasheet
202Kb / 2P
   AMS22S Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B Datasheet
279Kb / 3P
   AMS22B Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U Datasheet
245Kb / 2P
   AMS22U Non-Contacting Analog Rotary Position Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com