Electronic Components Datasheet Search |
|
83B2A-C12-J15L Datasheet(PDF) 4 Page - Bourns Electronic Solutions |
|
83B2A-C12-J15L Datasheet(HTML) 4 Page - Bourns Electronic Solutions |
4 / 4 page “Hybritron” is a registered trademark of Bourns, Inc. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 83/84 - 5/8 ” Square 10-Turn How To Order 8 3 A 1 A - B 2 8 - J 1 5 L ELEMENT TAPER RESISTANCE CODE TYPE/TOLERANCE VALUE IN OHMS J K (J) Linear Wirewound (06) - 200 (10) - 1 K 10-Turn ±5 % (08) - 500 (11) - 2 K (K) Linear Hybritron® (10) - 1 K (13) - 5 K Elements 10-Turn ±10 % (11) - 2 K (15) - 10 K (13) - 5 K (16) - 20 K (15) - 10 K (18) - 50 K (16) - 20 K (20) - 100 K (18) - 50 K (20) - 100 K AVAILABLE ONLY IN SHAFT TYPE LENGTHS BUSHINGS (CODE) (CODE) A Single Plain 1/4 ” (6.35 mm) D 16,20,24,28 A, B, J B Single Slotted 1/4 ” (6.35 mm) D 16,20,24,28 A, B, J C Single Flatted 1/4 ” (6.35 mm) D 20,24,28 A, B, J E Single Slotted 1/8 ” (3.18 mm) D 12,16,20,24,28 C, E, N F Single Flatted 1/8 ” (3.18 mm) D Consult Factory C, N G Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D 36,40 A, J Outer Operates Section 1 K Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D 32,36 C, N Outer Operates Section 1 L Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D 36,40 A, J Outer Operates Section 1/2 M Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D 32,36 C, N Outer Operates Section 1 N Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D 36,40 A, J Outer Operates Section 1/2/3 P Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D 32,36 C, N Outer Operates Section 1/2 R Single Slotted 6 mm D 16,19,22,50 R, S T Single Slotted 4 mm D 10, 13, 22 U V Dual Concentric Plain 6 mm D - 3 mm D 30, 42 R Outer Operates Section 1 A Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L B Locking 3/8 ” (9.53 mm) D x 1/2 ” (12.7 mm) L C Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L E Locking 1/4 ” (6.35 mm) D x 1/2 ” (12.7 mm) L J Plain 3/8 ” (9.53 mm) D x 1/4 ” (6.35 mm) L N Plain 1/4 ” (6.35 mm) D x 3/8 ” (9.53 mm) L R Plain 10 mm D x 9 mm L U Plain 7 mm D x 6 mm L MODEL 83 10-Turn, PC Pins 84 10-Turn, Solder Lugs # SECTIONS 1 Single 2 Double 3 Triple BUSHING A Single .305 R, 90 °CW B Double .305 R, 90 ° & 270 °CW C Single .305 R, 270 °CW D No Lug E Single .531 R, 90 °CW F Single .305 R, 180 °CW J Single .375 R, 90 °CW K Double .375 R, 90 ° & 270 °CW ANTI-ROTATION LUG RoHS IDENTIFIER Compliant L Boldface features are Bourns standard options. All others are available with higher minimum order quantities. SHAFT AVAILABLE LENGTH ONLY IN (FMS) BUSHING Code Description Code 12 3/8 ” L C, N, J 16 1/2 ” L A, C, J, N 20 5/8 ” L A, B, C, E, J, N 24 3/4 ” L A, B, C, E, J, N 28 7/8 ” L A, B, C, E, J, N 32 1 ” L A, B, C, E, J, N 36 1-1/8 ” L A, B, C, E, J, N 40 1-1/4 ” L A, B, C, E, J, N Metric 10 10 mmL U 13 13 mmL U 16 16 mmL R 19 19 mmL R 22 22 mmL R, U 30 30 mmL R 42 42 mmL R 50 50 mmL R REV. 06/12 |
Similar Part No. - 83B2A-C12-J15L |
|
Similar Description - 83B2A-C12-J15L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |