Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2220SC473KAT1A Datasheet(PDF) 2 Page - AVX Corporation

Part # 2220SC473KAT1A
Description  1210, 1825, 2225, 3640 X7R Dielectric, High Voltage MLC Chips, Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

2220SC473KAT1A Datasheet(HTML) 2 Page - AVX Corporation

  2220SC473KAT1A Datasheet HTML 1Page - AVX Corporation 2220SC473KAT1A Datasheet HTML 2Page - AVX Corporation 2220SC473KAT1A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Your Electronic Engineering Resource 
 
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.
Insulation Resistance:
(+25°C, at 500 VDC) 100K M min. or 1000 M - μF min., whichever is less
Insulation Resistance:
(+125°C, at 500 VDC) 10K M min. or 100 M - μF min., whichever is less
Dielectric Strength:
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
Applications:
Snubbers in high frequency power converters,
Resonators in SMPS, and
High voltage coupling/dc blocking
Related Products Information:
Mfr Part #
Farnell #
Newark #
Description
1210GC332KAT1A
1789451
52R2425
CAPACITOR, 1210, 2000V, 3.3NF
1808CC683KAT1A
1789452
52R2426
CAPACITOR, 1808, 600V, 68NF
1812GC682KAT1A
1789453
52R2427
CAPACITOR, 1812, 2000V, 6.8NF
1812GC822KAT1A
1789455
52R2428
CAPACITOR, 1812, 2000V, 8.2NF
1812HC272KAZ1A
1789456
52R2429
CAPACITOR, 1812, 3000V, 2.7NF
1812HC332KAT1A
1789457
52R2430
CAPACITOR, 1812, 3000V, 3.3NF
1825CC274KAT1A
1789458
52R2431
CAPACITOR, 1825, 600V, 270NF
1825CC274KAZ1A
1789459
52R2432
CAPACITOR, 1825, 600V, 270NF
1825GC153KAT1A
1789460
52R2433
CAPACITOR, 1825, 2000V, 15NF
1825GC223KAT1A
1789461
52R2434
CAPACITOR, 1825, 2000V, 22NF
1825GC223KAZ1A
1789462
52R2435
CAPACITOR, 1825, 2000V, 22NF
1825WC153KAT1A
1789463
52R2437
CAPACITOR, 1825, 2500V, 15NF
1825HC103KAT1A
1789464
52R2436
CAPACITOR, 1825, 3000V, 10NF
2220CC274KAT1A
1789465
52R2442
CAPACITOR, 2220, 600V, 270NF
2220CC274KAZ1A
1789467
52R2443
CAPACITOR, 2220, 600V, 270NF
2220AC104KAT1A
1789468
52R2438
CAPACITOR, 2220, 1000V, 100NF
2220AC104KAZ1A
1789469
52R2439
CAPACITOR, 2220, 1000V, 100NF
2220AC124KAT1A
1789470
52R2440
CAPACITOR, 2220, 1000V, 120NF
2220AC124KAZ1A
1789471
52R2441
CAPACITOR, 2220, 1000V, 120NF
2220SC473KAT1A
1789472
52R2451
CAPACITOR, 2220, 1500V, 47NF
2220SC473KAZ1A
1789473
52R2452
CAPACITOR, 2220, 1500V, 47NF
2220GC273KAT1A
1789474
52R2444
CAPACITOR, 2220, 2000V, 27NF
2220GC273KAZ1A
1789475
52R2445
CAPACITOR, 2220, 2000V, 27NF
2220HC103KAT1A
1789476
52R2446
CAPACITOR, 2220, 3000V, 10NF
2220HC103KAZ1A
1789477
52R2447
CAPACITOR, 2220, 3000V, 10NF


Similar Part No. - 2220SC473KAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
2220SC223J-4T1A AVX-2220SC223J-4T1A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
2220SC223J-4T3A AVX-2220SC223J-4T3A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
2220SC223J-4Z1A AVX-2220SC223J-4Z1A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
2220SC223J-4Z3A AVX-2220SC223J-4Z3A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
2220SC223K-4T1A AVX-2220SC223K-4T1A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
More results

Similar Description - 2220SC473KAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206CC153KAT1A AVX-1206CC153KAT1A Datasheet
118Kb / 2P
   High Voltage MLC Chips
1206GC102KAT1A AVX-1206GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812AA102JAT1A AVX-1812AA102JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812GC102KAT1A AVX-1812GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812HA101JAT1A AVX-1812HA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812SA101KAT1A AVX-1812SA101KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com