Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8808ATL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8808ATL
Description  8808A 5.5 Digit Multimeter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8808ATL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8808ATL Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11293-eng Rev. 02
8808A 5.5 Digit Multimeter
Included Accessories
LCI Line Power Cord, TL71 Test Lead Set, Spare
Line Power fuse, Programmers Manual/User
Manual on CD-ROM.
Ordering Information
Fluke 8808A
5.5 digit multimeter
Fluke 8808A/SU
5.5 digit multimeter,
(software & cable)
Fluke 8808A/TL
5.5 digit multimeter,
2X4W Test Lead Kit
Manufacturing test, R&D, development
and service applications demand
performance and flexibility from a
bench meter. The Fluke 8808A delivers a
wide variety of measurement functions,
including volts, ohms, and amps, plus
frequency - all at superior accuracy and
resolution with a basic V dc accuracy of
0.015 %.
Measure sensitive leakage current: The
Fluke 8808A includes two low impedance
low current ranges for measuring
sensitive leakage currents (i-Leakage).
Perform routine manufacturing
functional tests with consistency:
Use setup keys (S1 – S6) for fast access to
repetitive measurements. Operators no
longer need to press multiple buttons to
make routine measurements.
Eliminate production mistakes: The
8808A has a limit compare mode with
built in display enunciators that clearly
show whether a test is within or out of
limits.
Perform 4-wire measurements with
only two leads: Patented split terminal
jacks for 2x4 Ohms function allow you
to perform precise 4-wire low ohms
measurements with only two leads
instead of four. Optional test lead
accessories are available to enable you
to establish a 4-wire connection even in
tight spaces or on surface mount devices.
* Accuracy = +/- (% of reading)
Size (HxWxD): 88 mm x 217 mm x 297 mm
Weight: 2.1 kg
One year Warranty
Features
Specifications
The Fluke 8808A includes two low impedance low
current ranges for measuring sensitive leakage
currents
Dual Display
(Check the Fluke web for detailed specifications)
Recommended Accessories
Fluke 8808A
Functions
Range
Resolution
Accuracy*
Voltage DC
200 mV to 1000 V
1 µV
0.015
Voltage AC
(Freq. 10 Hz to 100 kHz)
200 mV to 750 V
1 µV
0.2
Resistance (2x4 Wire)
200 Ω to 100 MΩ
1 mΩ
0.02
Current DC
200 µA to 10 A
1 nA
0.02
Current AC
(Freq. 20 Hz to 2 kHz)
20 mA to 10A
100 µA
0.3
Freq. Period
20 Hz to 1 MHz
(Freq. only)
0.1 mHz
0.01
True RMS
8808A
Display
VFD multi segment
Resolution
5.5 digits
Measurements
V ac, V dc, I dc, I ac, Ω, Cont, Diode
Advanced Measurements
2X4 Wire Ohms, Freq, i-Leakage
Continuity / Diode Test
Yes
Analytical Functions
Limit Compare
Math Functions
dBm, dB, Min, Max
Interfaces
RS-232, USB via optional adapter
Programming Languages/Modes
Simplified ASCI, Fluke 45
Safety Rating
CAT I 1000 V, CAT II 600 V
FVF-UG/SC4/SC5
FlukeView Forms
Software
884X-short
4-Wire Short
TL2X4W-PT II
2x4 Wire Ohms Test
lead 2mm Probe Tip
884X-case
Hard case
TL2X4W-TWZ
2x4 Wire Ohms Tweezer
Test Leads
Versatile multimeter for manufacturing,
development and service applications
Use setup keys (S1-S6) for fast access to repetitive
measurements. Setups can include limit compare mode
with pass/fail indicators


Similar Part No. - 8808ATL

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8808 BELDEN-8808 Datasheet
150Kb / 2P
   Speaker Cable, 1 Pair 8 AWG BC, Unshielded, CM
04-14-2023
logo
ASM GmbH
8808-01 ASM-SENSOR-8808-01 Datasheet
1Mb / 8P
   MEMORY HiCORDER
logo
Belden Inc.
8808-0101000 BELDEN-8808-0101000 Datasheet
150Kb / 2P
   Speaker Cable, 1 Pair 8 AWG BC, Unshielded, CM
04-14-2023
8808-0105000 BELDEN-8808-0105000 Datasheet
150Kb / 2P
   Speaker Cable, 1 Pair 8 AWG BC, Unshielded, CM
04-14-2023
logo
ASM GmbH
8808-51 ASM-SENSOR-8808-51 Datasheet
940Kb / 4P
   MEMORY HiCORDER
More results

Similar Description - 8808ATL

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1411B KEYSIGHT-E1411B Datasheet
250Kb / 7P
   5.5-Digit Multimeter, C-Size
34450A KEYSIGHT-34450A Datasheet
2Mb / 12P
   34450A Multimeter 5.5 Digit Dual Display, Benchtop DMM
logo
Good Will Instrument Co...
GDM-906X GWINSTEK-GDM-906X Datasheet
3Mb / 2P
   Digit Measurement Multimeter
logo
TEKTRONIX, INC.
2001 TEKTRONIX-2001 Datasheet
402Kb / 6P
   7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
   33/4 Digit, Autoranging Multimeter
logo
List of Unclassifed Man...
DT9205A ETC1-DT9205A Datasheet
401Kb / 4P
   Digital Multimeter Digit height 33mm
logo
TEKTRONIX, INC.
2100 TEKTRONIX-2100 Datasheet
344Kb / 4P
   6쩍-Digit USB Digital Multimeter
2110 TEKTRONIX-2110 Datasheet
864Kb / 4P
   5쩍-Digit Dual-Display Digital Multimeter
DMM7512 TEKTRONIX-DMM7512 Datasheet
913Kb / 20P
   Dual Channel 7쩍-Digit Sampling Multimeter
DMM7510 TEKTRONIX-DMM7510 Datasheet
1Mb / 27P
   DMM 7510 7쩍-Digit Graphical Sampling Multimeter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com