Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83E3C-C12-J15L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 83E3C-C12-J15L
Description  Square 10-Turn
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

83E3C-C12-J15L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  83E3C-C12-J15L Datasheet HTML 1Page - Bourns Electronic Solutions 83E3C-C12-J15L Datasheet HTML 2Page - Bourns Electronic Solutions 83E3C-C12-J15L Datasheet HTML 3Page - Bourns Electronic Solutions 83E3C-C12-J15L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Compatible with other members of the
Model 80 Series
The only 10-turn precision potentiometer in
a modular panel control package
Up to 2 sections available
RoHS compliant*
83/84 - 5/8 ” Square 10-Turn
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Initial Electrical Characteristics1
Wirewound Element (J Taper)
Hybritron® Element (K Taper)
Standard Resistance Range........................................................................ 200 to 100 K ohms............................................... 1 K to 100 K ohms
Total Resistance Tolerance.......................................................................... ±5 % .................................................................... ±10 %
Independent Linearity.................................................................................. ±0.25 % ............................................................... ±0.25 %
Absolute Minimum Resistance (J Taper) ..................................................... 1.0 ohm or 0.1 % (whichever is greater) .............. –
Effective Electrical Angle ............................................................................. 3600 ° +10 °, -0 ° ................................................. 3600 ° +10 °, -0 °
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level............................................................................................... 1,000 VAC minimum ............................................ 1,000 VAC minimum
Insulation Resistance (500 VDC) ................................................................. 1,000 megohms minimum ................................... 1,000 megohms minimum
Power Rating (Voltage Limited By Power Dissipation or 350 VAC, Whichever Is Less)
+70 °C .................................................................................................. 1 watt ................................................................... 1 watts
+125 °C ................................................................................................. 0 watt ................................................................... 0 watt
Theoretical Resolution................................................................................. See table .............................................................. Essentially infinite
End Voltage (K Taper) .................................................................................. – ........................................................................... 0.2 % of applied voltage
Noise (J Taper)............................................................................................. 100 ohms ENR maximum .................................... –
Output Smoothness (K Taper) ..................................................................... – ........................................................................... 0.15 % maximum
Environmental Characteristics1
Operating Temperature Range .................................................................... +1 °C to +125 °C ................................................. +1 °C to +125 °C
Storage Temperature Range ....................................................................... -55 °C to +125 °C ................................................ -55 °C to +125 °C
Temperature Coefficient Over Storage Temperature Range ....................... ±50 ppm/°C ......................................................... ±100 ppm/°C
Vibration ...................................................................................................... 15 G ..................................................................... 15 G
Total Resistance Shift............................................................................ ±2 % .................................................................... ±2 %
Voltage Ratio Shift................................................................................. ±0.2 % ................................................................. ±0.2 %
Wiper Bounce........................................................................................ 0.1 millisecond maximum .................................... 0.1 millisecond maximum
Shock .......................................................................................................... 50 G ..................................................................... 50 G
Total Resistance Shift............................................................................ ±2 % .................................................................... ±2 %
Voltage Ratio Shift................................................................................. ±0.2 % ................................................................. ±0.2 %
Wiper Bounce........................................................................................ 0.1 millisecond maximum .................................... 0.1 millisecond maximum
Load Life...................................................................................................... 1,000 hours .......................................................... 1,000 hours
Total Resistance Shift............................................................................ ±2 % maximum ................................................... ±5 % maximum
Rotational Life (No Load)............................................................................. 1,000,000 shaft revolutions.................................. 4,000,000 shaft revolutions
Total Resistance Shift............................................................................ ±5 % maximum .................................................. ±5 % maximum
Moisture Resistance (MIL-STD-202, Method 103, Condition B)
Total Resistance Shift............................................................................ ±2 % maximum ................................................... ±5 % maximum
Insulation Resistance (500 VDC) ........................................................... 100 megohms minimum ...................................... 100 megohms minimum
IP Rating ...................................................................................................... IP 40..................................................................... IP 40
Mechanical Characteristics1
Stop Strength ......................................................................................................................................................................33.90 N-cm (48.0 oz.-in.) minimum
Mechanical Angle ........................................................................................................................................................................................... 3600 ° +15 °, -0 °
Torque
Starting............................................................................................................................................. Running torque plus 0.7 N-cm (1.0 oz.-in.) maximum
Running (1 or 2 Section)........................................................................................................................................... 0.18 to 1.41 N-cm (0.25 to 2.0 oz.-in.)
Mounting (Torque on Bushing) .................................................................................................................................. 1.7-2.0 N-m (15-18 lb.-in.) maximum
Shaft Runout ...................................................................................................................................................................................... 0.15 mm (0.006 in.) T.I.R.
Shaft End Play .................................................................................................................................................................................... 0.36 mm (0.014 in.) T.I.R.
Shaft Radial Play ................................................................................................................................................................................ 0.13 mm (0.005 in.) T.I.R.
Weight (Single Section)..................................................................................................................................................................................... 21 gm (0.75 oz.)
(Each Additional Section) ........................................................................................................................................................................... 18 gm (0.65 oz.)
Terminals ....................................................................................................................................................................... Printed circuit terminals or solder lugs
Soldering Condition ................................................................... Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter.
Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux
Marking.......................................................................... Manufacturer’s trademark, wiring diagram, date code and resistance, manufacturer’s part number
Ganging (Multiple Section Potentiometers)...................................................................................................................................................... 2 cup maximum
Hardware ............................................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
NOTE: Model 83/84 performance specifications do not apply to units subjected to printed circuit board cleaning procedures.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.


Similar Description - 83E3C-C12-J15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83A1A-B28-J15L BOURNS-83A1A-B28-J15L Datasheet
276Kb / 4P
   83/84 - 5/8 Square 10-Turn
logo
Vishay Siliconix
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
   3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
Revision: 04-Sep-07
T93YA502KT20 VISHAY-T93YA502KT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
logo
Bourns Electronic Solut...
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
logo
DB Lectro Inc
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386U DBLECTRO-3386U Datasheet
197Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386W DBLECTRO-3386W Datasheet
194Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3362H DBLECTRO-3362H Datasheet
203Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com