Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1200Y3PFBT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1200Y3PFBT
Description  Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1200Y3PFBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSC1200Y3PFBT Datasheet HTML 7Page - Texas Instruments MSC1200Y3PFBT Datasheet HTML 8Page - Texas Instruments MSC1200Y3PFBT Datasheet HTML 9Page - Texas Instruments MSC1200Y3PFBT Datasheet HTML 10Page - Texas Instruments MSC1200Y3PFBT Datasheet HTML 11Page - Texas Instruments MSC1200Y3PFBT Datasheet HTML 12Page - Texas Instruments MSC1200Y3PFBT Datasheet HTML 13Page - Texas Instruments MSC1200Y3PFBT Datasheet HTML 14Page - Texas Instruments MSC1200Y3PFBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
11
TYPICAL CHARACTERISTICS: MSC1200 AND MSC1201 ONLY
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, ADC Bipolar Mode, Buffer ON, and VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless
otherwise specified.
EFFECTIVE NUMBER OF BITS vs DATA RATE
23
22
21
20
19
18
17
16
15
14
13
12
11
10
Data Rate (SPS)
1
10
100
1000
Sinc3 Filter, Buffer OFF
PGA1
PGA8
PGA32
PGA64
PGA128
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
Decimation Ratio =
f
MOD
f
DATA
0
500
1000
1500
2000
PGA4
PGA1
PGA2
PGA16
PGA8
PGA32
PGA64
PGA128
Sinc3 Filter, Buffer OFF
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
Sinc3 Filter, Buffer ON
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
AV
DD = 3V, Sinc
3 Filter,
V
REF = 1.25V, Buffer OFF
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
AV
DD = 3V, Sinc
3 Filter,
V
REF = 1.25V, Buffer ON
Decimation Ratio =
f
MOD
f
DATA
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA32
PGA128
PGA16
PGA64
Decimation Ratio =
f
MOD
f
DATA
Sinc2 Filter


Similar Part No. - MSC1200Y3PFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200Y3PFBT TI-MSC1200Y3PFBT Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200Y3PFBT TI-MSC1200Y3PFBT Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1200Y3PFBT TI1-MSC1200Y3PFBT Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200Y3PFBTG4 TI-MSC1200Y3PFBTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1200Y3PFBTG4 TI1-MSC1200Y3PFBTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com