Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3600BP15M600 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 3600BP15M600
Description  Integrated Passive Component Packaging
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

3600BP15M600 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  3600BP15M600 Datasheet HTML 1Page - Johanson Technology Inc. 3600BP15M600 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Integrated Passive Component Packaging
1. Taping Specifications
a. Tape Dimensions (Units: mm)
b. Quantities per Reel According to component size
2. Reel Dimensions (Units: mm)
JTI
Size
Code
Size EIA
Size
Metric
A
A’
B
C
D
t
T
2.0±
0.6±
2.0±
0.20±
Max.
07
0402
1005
0.1
4.0±0.1
0.1
1.1±0.1
0.1
0.05
1
4.0±
0.95±
2.0±
0.20±
Max.
14
0603
1608
0.1
4.0±0.1
0.1
1.80±0.1
0.05
0.05
0.85
4.0±
1.6±
2.0±
0.20±
Max.
15
0805
2012
0.1
4.0±0.1
0.1
2.4±0.1
0.1
0.05
1.3
4.0±
2.35±
2.0±
0.22±
Max.
39
1008
2520
0.1
4.0±0.1
0.1
2.8±0.1
0.1
0.05
1.45
4.0±
1.9±
2.0±
0.20±
Max.
18
1206
3216
0.1
4.0±0.1
0.1
3.5±0.1
0.1
0.05
1.4
4.0±
2.68±
2.0±
0.23±
Max.
41
1210
3225
0.1
4.0±0.1
0.1
3.46±0.1
0.1
0.05
1.84
8.0±
4.18±
2.0±
0.24±
Max.
43/44
1812
4532
0.1
4.0±0.1
0.1
4.95±0.1
0.1
0.05
1.95
JTI
Size Code
07
14
15
39
18
41
43/44
Size EIA
0402
0603
0805
1008
1206
1210
1812
Size Metric
1005
1608
2012
2520
3216
3225
4532
Quantity/reel
10,000pcs
4,000pcs
4,000 pcs
3,000 pcs
3,000 pcs
2,000 pcs
2,000 pcs
Tape material
Paper
Paper
Plastic
(Embossed)
Plastic
(Embossed)
Plastic
(Embossed)
Plastic
(Embossed)
Plastic
(Embossed)
Label: Customer’s Name,
Johanson P/N, Q’ty, Date
φ1.5 +0.1/-0.0
A’
t
D
8 ± 0.2
3.5 ± 0.1
1.75 ± 0.1
C
T
A
B
178 ± 2.0
60 ± 0.5
1.4
w
19.5
Label
D:21.8 ± 0.8
D:13.0 ± 0.3
2.0 ± 0.5


Similar Part No. - 3600BP15M600

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
3600BP15M600 JOHANSON-3600BP15M600 Datasheet
88Kb / 2P
   3.6 GHz Band Pass Filter
3600BP15M600 JOHANSON-3600BP15M600 Datasheet
120Kb / 2P
   3.6 GHz Wide Band Band Pass Filter
3600BP15M600 JOHANSON-3600BP15M600 Datasheet
84Kb / 4P
   WiMAX Products
3600BP15M600E JOHANSON-3600BP15M600E Datasheet
88Kb / 2P
   3.6 GHz Band Pass Filter
3600BP15M600 JOHANSON-3600BP15M600_09 Datasheet
120Kb / 2P
   3.6 GHz Wide Band Band Pass Filter
More results

Similar Description - 3600BP15M600

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
LCR200 EXTECH-LCR200 Datasheet
227Kb / 1P
   Passive Component LCR Meter
380193 EXTECH-380193_15 Datasheet
871Kb / 1P
   Passive Component LCR Meter
380193 EXTECH-380193 Datasheet
196Kb / 1P
   Passive Component LCR Meter
logo
Johanson Technology Inc...
2450PC14A0017 JOHANSON-2450PC14A0017 Datasheet
202Kb / 3P
   Impedance-Matched Highly Integrated Ceramic Passive Component for Atheros Qualcomm AR6004 Chipset
0900PC15J0013 JOHANSON-0900PC15J0013 Datasheet
916Kb / 5P
   868/915MHz Impedance Matched, Multi-Function, Integrated Ceramic Passive Component for Texas Instruments
0896BM15A0032 JOHANSON-0896BM15A0032 Datasheet
150Kb / 4P
   Sub-GHz Impedance Matched Balun LPF integrated Passive Component for Microchip SAM R30
logo
Bourns Electronic Solut...
2DAB-F6R BOURNS-2DAB-F6R Datasheet
235Kb / 4P
   Integrated Passive & Active Device
2FAL-M16R BOURNS-2FAL-M16R Datasheet
277Kb / 3P
   Integrated Passive & Active Devices
logo
ON Semiconductor
TCP-4118UB ONSEMI-TCP-4118UB Datasheet
223Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
logo
Bourns Electronic Solut...
2FAF-M8R BOURNS-2FAF-M8R Datasheet
300Kb / 3P
   Integrated Passive & Active Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com