Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB12-M2301-103AF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDB12-M2301-103AF
Description  12 mm Rotary Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB12-M2301-103AF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDB12-M2301-103AF Datasheet HTML 1Page - Bourns Electronic Solutions PDB12-M2301-103AF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
PDB12 Series - 12 mm Rotary Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PDB12-M
L
F
RECOMMENDED PCB LAYOUT
30
°
SHAFT SHOWN IN CCW POSITION
6.0
(.24)
DIA.
6.0
(.24)
2.6
(.102)
4.5
(.177)
1.5
(.059)
9.0
(.354)
10.0
(.393)
12.8
(.503)
12.6
(.496)
2.7
(.106)
10.0
(.393)
7.5
(.295)
1
2
3
1.6
(.062)
3 PLCS.
1.0
(.039)
DIA.
3.6
(.141)
PDB12-F
L
F
RECOMMENDED PCB LAYOUT
30
°
SHAFT SHOWN IN CCW POSITION
6.0
(.24)
DIA.
6.0
(.24)
4.5
(.177)
1.5
(.059)
10.0
(.393)
12.8
(.503)
1
2
3
3.5
(.137)
3.0
(.118)
3.5
(.137)
3.0
(.118)
2.0
(.078)
4.5
(.177)
4.5
(.177)
6.5
(.255)
3 PLCS.
1.0
(.039)
DIA.
3.0
(.118)
2.1
(.082)
14.4
(.566)
1.6
(.062)
7.5
(.177)
PDB12 Dimensions
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
F
7
(.276)
7
(.276)
12
(.472)
12
(.472)
1
2
3
SCHEMATIC
How To Order
PDB12 - H 4 20 1 - 103 A F
Model
Terminal Config.
(see individual drawings)
H = PC pins, rear facing
snap mount
G = PC pins, vertical/
down facing/
snap mount
M = PC pins, rear facing
F = PC pins, vertical/
down facing/
snap mount
Option
• 2 = Center Detent
• 4 = No Detent
Standard Shaft Length
• 15 = 15 mm
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Number of Gangs
• 1 = Single Gang
Resistance Code (See Table)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Shaft Style
• F = Flat Type Insulated Shaft
Other styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
REV. 01/11


Similar Part No. - PDB12-M2301-103AF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1003 SUPERWORLD-PDB1003 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003100MZF SUPERWORLD-PDB1003100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003101MZF SUPERWORLD-PDB1003101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003102MZF SUPERWORLD-PDB1003102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003150MZF SUPERWORLD-PDB1003150MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDB12-M2301-103AF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PTVPTT BOURNS-PTVPTT Datasheet
298Kb / 3P
   12 mm Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
   PDB24 Series - 24 mm Rotary Potentiometer
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com