Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB241-GTR03-503A2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB241-GTR03-503A2
Description  24 mm Guitar Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB241-GTR03-503A2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB241-GTR03-503A2 Datasheet HTML 1Page - Bourns Electronic Solutions PDB241-GTR03-503A2 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M3/8”-32UNF
PLAIN
SHAFT
18 TEETH
KNURLED
SHAFT
16.0
(.630)
6.35
(.250)
DIA.
6.0
(.236)
DIA.
1.0
(.039)
24.0
(.945)
DIA.
9.5 ± 0.3
(.374 ± .012)
11.5
(.453)
6.0
(.236)
30 °
FULL CCW
20.0
(.787)
6.7
(.264)
6.7
(.264)
PINOUT FOR “A” AND “B” TAPERS
1
2
3
PINOUT FOR “C” TAPER
3
2
1
19.0 ± 0.5
(.748 ± .020)
2.0
(.079)
DIA.
4.0
(.157)
DIA.
2.0
(.079)
DIA.
8.6
(.339)
10.0
(.394)
Features
Low torque
Carbon element
Plain or knurled shaft option
Metal bushing
Metal shaft
Rear solder lugs
Audio or linear taper options
Variety of resistance values
RoHS compliant*
PDB241-GTR Series - 24 mm Guitar Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Taper........................................Audio, linear
Standard Resistance
.....................................10K to 1M ohms
Standard Resistance Tolerance.........±20 %
Environmental Characteristics
Operating Temperature
.................................... -10 °C to +70 °C
Power Rating ................................ 0.25 watt
Maximum Operating Voltage ............. 250 V
Rotational Noise .....................150 mV max.
Mechanical Characteristics
Mechanical Angle ........................ 300 ° ±5 °
Rotational Torque ..................10 to 45 g-cm
Stop Strength.......................... 8 kg-cm min.
Rotational Life................ 15,000 cycles min.
Soldering Condition
Manual Soldering
........................ 300 °C within 3 seconds
Wave Soldering
........................ 260 °C within 3 seconds
Hardware ................... Two flat washers and
two mounting nuts supplied
per potentiometer
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10,000
103
25,000
253
50,000
503
100,000
104
250,000
254
300,000
304
500,000
504
1,000,000
105
Circuit
How To Order
PDB24 1 - GTR 01 - 504 A2
Model
Number of Units
1 = Single
Guitar Pot Designator
Configuration
1 = Knurled Shaft / Solder Lugs
2 = Plain Shaft / Solder Lugs
3 = Knurled Shaft (Long) / Solder Lugs
4 = Plain Shaft (Long) / Solder Lugs
Resistance Code (See Table)
Resistance Taper (See Taper Charts)
1
2
3
PDB241-GTR01
PDB241-GTR03
3/8”-32UNF
2.0
(.079)
9.7
(.382)
DIA.
DIA.
WASHER
NUT
14.0
(.551)
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
M3/8”-32UNF
PLAIN
SHAFT
(LONG)
6.35
(.250)
DIA.
24.0
(.945)
DIA.
19.0 ± 0.3
(.748 ± .012)
11.5
(.453)
27.5± 0.5
(1.083 ± .020)
5.0
(.197)
18 TEETH
KNURLED
SHAFT
(LONG)
6.00
(.236)
DIA.
1.0
(.039)
8.6
(.339)
10.0
(.394)


Similar Part No. - PDB241-GTR03-503A2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
More results

Similar Description - PDB241-GTR03-503A2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB182-GTRB BOURNS-PDB182-GTRB Datasheet
258Kb / 2P
   PDB182-GTRB - 17 mm Blend-Balance Guitar Potentiometer
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
   17 mm Guitar Potentiometer w/Latching-Push Switch
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
   17 mm Guitar Potentiometer w/Push-Pull Switch
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
   CTS Guitar Series 24mm Potentiometer
logo
Bourns Electronic Solut...
95A1D-Z28-EA0 BOURNS-95A1D-Z28-EA0 Datasheet
320Kb / 3P
   Model 95 Premium Guitar Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com