Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3856ES-5.0 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3856ES-5.0
Description  LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3856ES-5.0 Datasheet(HTML) 4 Page - Texas Instruments

  LP3856ES-5.0 Datasheet HTML 1Page - Texas Instruments LP3856ES-5.0 Datasheet HTML 2Page - Texas Instruments LP3856ES-5.0 Datasheet HTML 3Page - Texas Instruments LP3856ES-5.0 Datasheet HTML 4Page - Texas Instruments LP3856ES-5.0 Datasheet HTML 5Page - Texas Instruments LP3856ES-5.0 Datasheet HTML 6Page - Texas Instruments LP3856ES-5.0 Datasheet HTML 7Page - Texas Instruments LP3856ES-5.0 Datasheet HTML 8Page - Texas Instruments LP3856ES-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LP3853, LP3856
SNVS173G – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
LP3853/LP3856
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 10 mA, COUT = 10µF, VSD = 2V.
LP3853/6 (2)
Symbol
Parameter
Conditions
Typ (1)
Units
Min
Max
Output Voltage Tolerance
VOUT +1V ≤ VIN ≤ 7.0V
-1.5
+1.5
VO
0
%
(3)
10 mA
≤ IL ≤ 3A
-3.0
+3.0
Output Voltage Line Regulation
0.02
ΔV OL
VOUT +1V ≤ VIN ≤ 7.0V
%
(3)
0.06
Output Voltage Load Regulation
0.08
ΔVO/ ΔIOUT
10 mA
≤ IL ≤ 3A
%
(3)
0.14
50
IL = 300 mA
39
65
Dropout Voltage
VIN - VOUT
mV
(4)
450
IL = 3A
390
600
9
IL = 300 mA
4
10
Ground Pin Current In Normal
IGND
mA
Operation Mode
9
IL = 3A
4
10
VSD ≤ 0.3V
0.01
10
Ground Pin Current In Shutdown
IGND
µA
Mode
-40°C
≤ TJ ≤ 85°C
50
IO(PK)
Peak Output Current
VO ≥ VO(NOM) - 4%
4.5
A
Short Circuit Protection
ISC
Short Circuit Current
6
A
Shutdown Input
VSDT Rising from 0.3V until
1.3
2
Output = ON
VSDT
Shutdown Threshold
V
VSDT Falling from 2.0V until
1.3
0.3
Output = OFF
TdOFF
Turn-off delay
IL = 3A
20
µs
TdON
Turn-on delay
IL = 3A
25
µs
ISD
SD Input Current
VSD = VIN
1
nA
Error Flag
VT
Threshold
(5)
10
5
16
%
VTH
Threshold Hysteresis
(5)
5
2
8
%
VEF(Sat)
Error Flag Saturation
Isink = 100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
Ilk
Error Flag Pin Leakage Current
1
nA
Imax
Error Flag Pin Sink Current
VError = 0.5V
1
mA
(1)
Typical numbers are at 25°C and represent the most likely parametric norm.
(2)
Limits are ensured by testing, design, or statistical correlation.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the drop-out voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V.
(5)
Error Flag threshold and hysteresis are specified as percentage of regulated output voltage. See Application Hints.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3853 LP3856


Similar Part No. - LP3856ES-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3856ES-5.0 NSC-LP3856ES-5.0 Datasheet
417Kb / 18P
   3A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3856ES-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
   3A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
   3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com