Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB241-GNL01-104A2 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDB241-GNL01-104A2
Description  ?쏯o-Load??Guitar Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB241-GNL01-104A2 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDB241-GNL01-104A2 Datasheet HTML 1Page - Bourns Electronic Solutions PDB241-GNL01-104A2 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PDB241-GNL Series - “No-Load” Guitar Potentiometer
Taper Chart
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A2 Taper
Rotational Travel (%)
Inquire for availability of other tapers.
REV. 11/13
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B0 Taper
Rotational Travel (%)


Similar Part No. - PDB241-GNL01-104A2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL Datasheet
247Kb / 2P
   PDB241-GNL Series - ?쏯o-Load??Guitar Potentiometer
More results

Similar Description - PDB241-GNL01-104A2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL Datasheet
247Kb / 2P
   PDB241-GNL Series - ?쏯o-Load??Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
   CTS Guitar Series 24mm Potentiometer
logo
Bourns Electronic Solut...
95A1D-Z28-EA0 BOURNS-95A1D-Z28-EA0 Datasheet
320Kb / 3P
   Model 95 Premium Guitar Potentiometer
82A1D-A24-BA0 BOURNS-82A1D-A24-BA0 Datasheet
258Kb / 2P
   Model 82 Vintage Premium Guitar Potentiometer
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
PDB182-GTRB BOURNS-PDB182-GTRB Datasheet
258Kb / 2P
   PDB182-GTRB - 17 mm Blend-Balance Guitar Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com