Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5048MTH1R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5048MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5048MTH1R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5048MTH1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 5048MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5048MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5048MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5048MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5048MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5048MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5048MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5048MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
APEM
www.apem.com
A-23
5000 series
Toggle switches
Specifications
A
MATERIALS
• Case : diallylphthalate (DAP) or
high temperature plastic material
(UL94-V0)
•Actuator : brass, chrome plated
• Bushing : brass, nickel plated
• Housing : stainless steel or steel
tin plated
• Contacts
A
: silver
AD
: silver, gold plated
CD
: brass, gold plated
X814
: for peak currrents, see
section G.
• Terminal seal : epoxy
• Paddles : UL94HB polyamide
• Lever caps : vinyl
ELECTRICAL SPECIFICATIONS
• Current/voltage rating with resistive load :
Contact
Maximum
Minimum
Level*
Silver (A)
3A 250VAC - 6A 125VAC - 4A 30VDC
50mA 10VDC
III and IV
Silver,
3A 250VAC - 6A 125 VAC - 4A 30VDC
10mA 50mV
I to IV
gold plated (AD)
Gold plating withstands up to 100mA 30VDC
10µA 5V
Brass,
0,4 VA at 20VAC or DC
10mA 50mV
I and II
gold plated (CD)
10µA 5V
• For inductive, lamp or capacitive load, consult factory.
* For details, see Technical Information, end of catalogue.
• Initial contact resistance : 10 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength :
1.000 Vrms 50 Hz min. between terminals
1.500 Vrms 50 Hz min. between poles
1.500 Vrms 50 Hz min. between terminals and frame
• Contact bounce : 2 ms max.
• Electrical life at full load :
50.000 cycles for single and double pole
40.000 cycles for 3 pole
30.000 cycles for 4 pole
• Low level or mechanical life : 100.000 cycles
GENERAL SPECIFICATIONS
• Torque : 1,25 Nm (.922 Ft.lb) max. applied to nut
• Panel thickness : 2,5 mm (.098) with 2 nuts - 4 mm (.157) with 1 nut
• Operating temperature : -40°C to +85°C
AGENCY APPROVALS
/PREFERENTIAL LISTS
For VDE, refer to 55000 series.
QPL
(Europe only)
MUAHAG
NATO
Availability
: consult factory for details of approved models.
Marking
: to order switches marked UL, CSA or CECC, complete appropriate
box of ordering format.
Preferential lists do not appear on the switches.
CECC 96201-007
EN 61058-1


Similar Part No. - 5048MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5048MTH1R ETC2-5048MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5048MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
   Widest Temperature Range
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
   Miniature Snap-in Slide Switches
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com