Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS22B5A1BHBFL103N Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AMS22B5A1BHBFL103N
Description  Non-Contacting Analog Rotary Position Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AMS22B5A1BHBFL103N Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AMS22B5A1BHBFL103N Datasheet HTML 1Page - Bourns Electronic Solutions AMS22B5A1BHBFL103N Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
AMS22B Non-Contacting Analog Rotary Position Sensor
How To Order
REV. 01/14
A M S 2
2
B
5A1B L A SL
33
N
4
Code
S
Description
Single-turn
CONFIGURATION
Code
B
Description
Bushing Mount
7/8 ” Shaft FMS,
1/4 ” Shaft Dia.
MOUNTING CONFIGURATION
Code
AM
Description
Analog Magnetic
MODEL DESIGNATOR
Code
22
Description
22 mm
SIZE
Code
Type
Analog
Signal
Single
Resolution
12 Bit
OUTPUT TYPE
Code
01
02
03
34
35
36
Description
10 °
20 °
30 °
340 °
350 °
360 °
EFFECTIVE
ELECTRICAL ANGLE
10 ° Increments
Code
5
Description
5 VDC
Code
H
L
Output Refresh Rate
High (200 µs Typ.)
Low (600 µs Typ.)
PROCESSING SPEED
Code
F
S
Description
Flatted
Slotted
SHAFT STYLE
Code
A
B
C
Description
1-99 % of VCC
5-95 % of VCC
10-90 % of VCC
VOLTAGE RATIO ±1 %
Code
1
3
Description
CCW (Increasing Voltage)
CW (Increasing Voltage)
Shaded areas represent most common features.
Note: Effective Electrical Angle
available in 10 ° increments from
a minimum of 10 ° to 360 ° maximum.
* See Figure 1 for clarification.
DIRECTION*
Code
N
S
Description
Continuous
Hard Stop (340 +4/-0 °)
HARD STOP
Code
B
C
Description
0.5 %
0.3 %
INDEPENDENT LINEARITY
A1
Code
L
Description
Axial
TERMINAL CONFIGURATION
SUPPLY VOLTAGE, VCC
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390
Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
Standard Output: 1-Turn CW Increasing (Code 334 Shown)
40
30
20
10
0
90
100
80
70
60
50
0
CW DIRECTION
Mechanical Angle (°)
20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 320 340 360
VOLTAGE RATIO “A”
VOLTAGE RATIO “C”
Applications
Patient platform positioning feedback
Pneumatic control valve position feedback
Draw wire position sensors
Remote communications antenna
positioning
Actuator motor position feedback
Automated manufacturing robotics
Tilt control and tilt positioning feedback
Foot pedal, steering, lift-and-shuttle and
suspension systems


Similar Part No. - AMS22B5A1BHBFL103N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22B5A1BHAS BOURNS-AMS22B5A1BHAS Datasheet
264Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHASL334N BOURNS-AMS22B5A1BHASL334N Datasheet
279Kb / 3P
   AMS22B Non-Contacting Analog Rotary Position Sensor
More results

Similar Description - AMS22B5A1BHBFL103N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22U5A1BHAR BOURNS-AMS22U5A1BHAR Datasheet
277Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BLAF BOURNS-AMS22B5A1BLAF Datasheet
264Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHAF BOURNS-AMS22S5A1BHAF Datasheet
259Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHBF BOURNS-AMS22S5A1BHBF Datasheet
259Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHAS BOURNS-AMS22B5A1BHAS Datasheet
264Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S BOURNS-AMS22S_14 Datasheet
269Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U_14 Datasheet
293Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22S BOURNS-AMS22S Datasheet
202Kb / 2P
   AMS22S Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B Datasheet
279Kb / 3P
   AMS22B Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U Datasheet
245Kb / 2P
   AMS22U Non-Contacting Analog Rotary Position Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com