Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN2200-800-99 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FN2200-800-99
Description  DC EMC/EMI Filter for PV Inverters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN2200-800-99 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FN2200-800-99 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN2200-800-99 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN2200-800-99 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN2200-800-99 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMC and Power Quality
Mechanical data
25 to 150A types
250 to 2300A types
All dimensions in mm; 1 inch = 25.4mm
Tolerances according: ISO 2768-m / EN 22768-m
Dimensions
25A
50A
75A
100A
150A
250A
400A
600A
800A
1000A
1500A
2300A
A
170
200
200
220
250
300
300
300
300
300
300
400
B
80
95
95
125
140
180
190
190
200
200
200
250
C
65
80
80
95
115
110
110
110
140
140
150
180
D
140
170
170
190
220
130
140
140
150
150
150
195
E1
152.5
182.5
182.5
202.5
232.5
130
130
130
130
130
130
190
E2
110
110
110
110
110
110
150
F1
45
60
60
80
100
155
165
165
175
175
175
225
F2
60
75
75
100
120
G
5.5
5.5
5.5
5.5
5.5
Ø12
Ø12
Ø12
Ø12
Ø12
Ø12
Ø12
H
1
1.5
1.5
1.5
2
2
2
2
3
3
3
3
I
25
39
39
45
51
58
58
58
65
65
110
100
J
M5
M6
M6
M8
M10
M10
M10
M10
M12
M12
M12
M16
S
43
35
T
26
35
U
70
70
70
70
70
70
100
V
20
25
25
40
40
60
70
W
5
6
8
8
8
10
15
X
15
15
15
20
20
17
20
Y
58
58
58
65
65
110
100
Z
Ø9
Ø10.5
Ø10.5
Ø14
Ø14
Ø14
Ø14
-33
-34
-35
-40
Filter input/output connector cross sections
Solid wire
16mm2
35mm2
50mm2
95mm2
Flex wire
10mm2
25mm2
50mm2
95mm2
AWG type wire
AWG 6
AWG 2
AWG 1/0
AWG 4/0
Recommended torque 1.5 - 1.8Nm
4.0 - 4.5Nm
7 - 8Nm
17 - 20Nm
Please visit www.schaffner.com to find more details on filter connectors.
Busbar connections
250 to 1000A types
1500A types
W
Z
V
X
Y
W
Z
T
V
S X
Y
Note: all FN 2200 provide unsymmetrical
mounting hole patterns to prevent inverse
filter installation in the field.
(Dimensions E1/ E2 and F1/ F2)
D
I
E1
F1
F2
H
A
G
J
A
I
E1
E2
G
F1
U
C
D
B
H
J
2300A types
C
B
Your local partner: To find your local partner within Schaffner’s global network, please go to www.schaffner.com
February 2012


Similar Part No. - FN2200-800-99

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN2200-800-99 SCHAFFNER-FN2200-800-99 Datasheet
1Mb / 5P
   EMC/EMI Filter for PV Inverters
More results

Similar Description - FN2200-800-99

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-2200 SCHAFFNER-FN-2200 Datasheet
1Mb / 5P
   EMC/EMI Filter for PV Inverters
logo
Kemet Corporation
FLLE2025APVR1 KEMET-FLLE2025APVR1 Datasheet
244Kb / 2P
   DC EMI Filters for PV Inverters
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
   EMI/EMC Filter
logo
DONG IL TECHNOLOGY LTD.
HP4 DIT-HP4 Datasheet
954Kb / 2P
   EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
   EMI/EMC FILTER
TB3 DIT-TB3 Datasheet
1Mb / 4P
   EMI/EMC FILTER
TBB DIT-TBB Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3 DIT-ES3 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CA5 DIT-CA5 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CN2-F30 DIT-CN2-F30 Datasheet
913Kb / 2P
   EMI/EMC FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com