Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD060L Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD060L
Description  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD060L Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD060L Datasheet HTML 2Page - Fairchild Semiconductor FOD060L Datasheet HTML 3Page - Fairchild Semiconductor FOD060L Datasheet HTML 4Page - Fairchild Semiconductor FOD060L Datasheet HTML 5Page - Fairchild Semiconductor FOD060L Datasheet HTML 6Page - Fairchild Semiconductor FOD060L Datasheet HTML 7Page - Fairchild Semiconductor FOD060L Datasheet HTML 8Page - Fairchild Semiconductor FOD060L Datasheet HTML 9Page - Fairchild Semiconductor FOD060L Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
6
Typical Performance Curves
Fig. 8 Pulse Width Distortion vs.
Ambient Temperature
Fig. 7 Rise and Fall Times vs.
Ambient Temperature
-40
-20
0
20
40
60
80
100
V
CC
= 3.3V
IF = 7.5mA
RL = 350
tr
tf
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
V
CC
= 3.3V
IF = 7.5mA
RL = 350
FOD060L
FOD260L
0
5
10
15
20
25
30
35
TA - Ambient Temperature (°C)
TA - Ambient Temperature (°C)


Similar Part No. - FOD060L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD060L FAIRCHILD-FOD060L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - FOD060L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD260L FAIRCHILD-FOD260L_11 Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com