Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT46WJ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BAT46WJ
Description  Single Schottky barrier diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT46WJ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BAT46WJ Datasheet HTML 4Page - NXP Semiconductors BAT46WJ Datasheet HTML 5Page - NXP Semiconductors BAT46WJ Datasheet HTML 6Page - NXP Semiconductors BAT46WJ Datasheet HTML 7Page - NXP Semiconductors BAT46WJ Datasheet HTML 8Page - NXP Semiconductors BAT46WJ Datasheet HTML 9Page - NXP Semiconductors BAT46WJ Datasheet HTML 10Page - NXP Semiconductors BAT46WJ Datasheet HTML 11Page - NXP Semiconductors BAT46WJ Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BAT46WJ
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 November 2011
8 of 12
NXP Semiconductors
BAT46WJ
Single Schottky barrier diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Fig 12. Package outline SOD323F (SC-90)
04-09-13
Dimensions in mm
0.80
0.65
0.25
0.10
0.5
0.3
2.7
2.3
1.8
1.6
0.40
0.25
1.35
1.15
1
2
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BAT46WJ
SOD323F
4 mm pitch, 8 mm tape and reel
-115
-135
Reflow soldering is the only recommended soldering method.
Fig 13. Reflow soldering footprint SOD323F (SC-90)
0.95
1.65
2.2
2.1
3.05
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
0.5
(2
×)
0.6
(2
×)
0.6 (2
×)
0.5 (2
×)
sod323f_fr


Similar Part No. - BAT46WJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
BAT46WJ NXP-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT46WJ NEXPERIA-BAT46WJ Datasheet
274Kb / 11P
   Schottky barrier diode
1 October 2022
BAT46WJ-Q NEXPERIA-BAT46WJ-Q Datasheet
260Kb / 13P
   Schottky barrier diode
23 August 2021
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ_15 Datasheet
188Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
More results

Similar Description - BAT46WJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com