Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT46WJ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT46WJ
Description  Single Schottky barrier diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT46WJ Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT46WJ Datasheet HTML 1Page - NXP Semiconductors BAT46WJ Datasheet HTML 2Page - NXP Semiconductors BAT46WJ Datasheet HTML 3Page - NXP Semiconductors BAT46WJ Datasheet HTML 4Page - NXP Semiconductors BAT46WJ Datasheet HTML 5Page - NXP Semiconductors BAT46WJ Datasheet HTML 6Page - NXP Semiconductors BAT46WJ Datasheet HTML 7Page - NXP Semiconductors BAT46WJ Datasheet HTML 8Page - NXP Semiconductors BAT46WJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BAT46WJ
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 November 2011
3 of 12
NXP Semiconductors
BAT46WJ
Single Schottky barrier diode
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3]
Reflow soldering is the only recommended soldering method.
[4]
Soldering point of cathode tab.
Rth(j-sp)
thermal resistance from
junction to solder point
[4] --35
K/W
Table 6.
Thermal characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FR4 PCB, standard footprint
Fig 1.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for cathode 1 cm2
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aac385
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
006aac386
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0


Similar Part No. - BAT46WJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
BAT46WJ NXP-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT46WJ NEXPERIA-BAT46WJ Datasheet
274Kb / 11P
   Schottky barrier diode
1 October 2022
BAT46WJ-Q NEXPERIA-BAT46WJ-Q Datasheet
260Kb / 13P
   Schottky barrier diode
23 August 2021
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ_15 Datasheet
188Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
More results

Similar Description - BAT46WJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com