Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRR0908-330ML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR0908-330ML
Description  SMD Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR0908-330ML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR0908-330ML Datasheet HTML 1Page - Bourns Electronic Solutions SRR0908-330ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.2
(.087)
14.7
(.578)
2.2
(.087)
10.3
(.406)
2.5
(.098)
1.0
(.039)
2.2
(.087)
14.7
(.578)
2.2
(.087)
10.3
(.406)
9
(.355)
1
4
8
5
3.0
(.118)
9.5 ± 0.3
(.374 ± .012)
MARKING
(PIN 1 SIDE)
11.0 ± 0.5
(.433 ± .020)
12.5 ± 0.5
(.492 ± .020)
10.0 ± 0.5
(.394 ± .020)
7.5 ± 0.3
(.295 ± .012)
2.5 ± 0.3
(.098 ± .012)
2.5 ± 0.3
(.098 ± .012)
2.5 ± 0.3
(.098 ± .012)
0.7 ± 0.1
(.028 ± .004)
101
Features
Available in E6 series, E12 series optional
High inductance up to 15 mH
High current up to 5.6 A
Gull wing leads
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRR0908 Series - SMD Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
................................. 260 °C for 5 sec.
Electrical Specifications
Bourns Part No.
Inductance 1 KHz
Q
Ref.
Test
Frequency
(MHz)
SRF
Min.
(MHz)
RDC
Max.
(
Ω)
I rms
Max.
(A)
I sat
Typ.
(A)
uH
Tol. %
SRR0908-1R5ML
1.5
±20
20
7.96
65.0
0.014
5.60
10.00
SRR0908-2R7ML
2.7
±20
20
7.96
50.0
0.019
4.80
7.70
SRR0908-3R9ML
3.9
±20
20
7.96
35.0
0.021
4.40
6.60
SRR0908-5R6ML
5.6
±20
18
7.96
25.0
0.027
3.80
5.50
SRR0908-7R5ML
7.5
±20
18
7.96
15.0
0.032
3.40
4.60
SRR0908-100ML
10
±20
33
2.52
11.0
0.040
3.00
4.10
SRR0908-120ML
12
±20
40
2.52
11.0
0.050
2.50
4.00
SRR0908-150ML
15
±20
45
2.52
8.50
0.065
2.20
3.90
SRR0908-180ML
18
±20
40
2.52
8.50
0.075
2.00
3.80
SRR0908-220ML
22
±20
35
2.52
6.00
0.080
1.90
3.30
SRR0908-270ML
27
±20
45
2.52
6.00
0.090
1.80
2.90
SRR0908-330ML
33
±20
40
2.52
5.00
0.10
1.70
2.70
SRR0908-390ML
39
±20
45
2.52
5.00
0.135
1.50
2.40
SRR0908-470ML
47
±20
40
2.52
4.00
0.15
1.40
2.30
SRR0908-560ML
56
±20
35
2.52
3.00
0.165
1.35
2.10
SRR0908-680ML
68
±20
30
2.52
2.50
0.184
1.25
1.90
SRR0908-820ML
82
±20
30
2.52
2.40
0.26
1.05
1.90
SRR0908-101YL
100
±15
40
0.796
6.00
0.28
1.00
1.30
SRR0908-121YL
120
±15
42
0.796
5.70
0.34
0.90
1.10
SRR0908-151YL
150
±15
45
0.796
4.60
0.45
0.80
1.00
SRR0908-181YL
180
±15
35
0.796
4.20
0.50
0.70
1.00
SRR0908-221YL
220
±15
35
0.796
3.80
0.60
0.65
0.95
SRR0908-271YL
270
±15
30
0.796
3.40
0.70
0.60
0.75
SRR0908-331YL
330
±15
30
0.796
3.00
0.80
0.55
0.70
SRR0908-391YL
390
±15
33
0.796
2.60
1.00
0.50
0.65
SRR0908-471YL
470
±15
30
0.796
2.30
1.15
0.45
0.62
SRR0908-561YL
560
±15
35
0.796
2.20
1.50
0.38
0.55
SRR0908-681YL
680
±15
30
0.796
2.00
1.70
0.35
0.50
SRR0908-821YL
820
±15
35
0.796
1.90
2.20
0.32
0.45
SRR0908-102YL
1000
±15
85
0.252
1.90
2.20
0.32
0.45
SRR0908-152YL
1500
±15
120
0.252
1.30
4.00
0.25
0.35
SRR0908-222YL
2200
±15
95
0.252
1.00
5.00
0.20
0.29
SRR0908-332YL
3300
±15
95
0.252
0.90
8.00
0.15
0.24
SRR0908-472YL
4700
±15
90
0.252
0.80
12.00
0.12
0.19
SRR0908-682YL
6800
±15
90
0.252
0.60
16.50
0.10
0.16
SRR0908-822YL
8200
±15
85
0.252
0.50
24.00
0.10
0.14
SRR0908-103YL
10000
±15
110
0.0796
0.50
26.00
0.09
0.13
SRR0908-153YL
15000
±15
130
0.0796
0.40
40.00
0.08
0.12
General Specifications
Core............................... Ferrite DR & RI
Wire ............................Enameled copper
Base ................................................ LCP
Terminal ....................................Cu/Ni/Sn
Adhesive.............................. Epoxy resin
Rated Current
............... Ind. drop of 10 % typ. at Isat
Temperature Rise
.....................40 °C max. at rated Irms
Packaging.................... 400 pcs. per reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
Multiple windings possible
(up to four windings).
SRR0908-101Y to -153Y
SRR0908-1R5M to -820M


Similar Part No. - SRR0908-330ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR0908-330ML BOURNS-SRR0908-330ML Datasheet
207Kb / 2P
   SMD Shielded Power Inductors
More results

Similar Description - SRR0908-330ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com