Electronic Components Datasheet Search |
|
5354MTH1R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
5354MTH1R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 22 page APEM www.apem.com A-25 5000 series Toggle switches Overview A Sealing boots are available. They are presented in section H. Mounting accessories : standard hardware supplied with all models with Ø 6,35 (1/4) or Ø 6 (.236) threaded bushing : 2 hex nuts 8 mm (.314) across flats, 1 locking ring and 1 lockwasher. Standard and special hardware available are presented in section I. Packaging unit : 25 pieces or 50 pieces depending on models. Finish Blank Bright chrome finish G Matt black finish on bushing, actuator and hardware. Fluorescent tip Blank None 0.38 White fluorescent tip to lever Available with matt black finish (G) only. Special options Blank No special requirement X408 Front panel sealing by two O-rings X404 Horizontal right angle with reduced overall dimensions Other : specific bushing height, PC terminal length, finish, ratings, etc... See following pages. Caps and paddles Caps Length U270 11 (.433) U1710 7,3 (.287) Paddles U240N 12,4 (.488) U290N 20 (.787) U390N 21,5 (.846) Contact materials A Silver AD Silver, gold plated CD Brass, gold plated For peak currents, see X814, under Special Options. Sealing Blank No sealing except where standard B Epoxy sealed terminals K Front panel sealing by one O-ring and sealing washer Sealing by two O-rings, see X408 under "Special options" . Levers Length with threaded plain bushing bushing -13 (std) 10,5 (.413) 13,5 (.531) -2 16 (.629) 19 (.748) -7 - 6,6 (.259) -8 (flat) 21,3 (.838) - -9 (flat) 11,4 (.448) - -12 (flat) 6,3 (.248) - -16 5,5 (.216) 8,5 (.334) -17 7 (.275) 10 (.393) -21 (+ U640) 21,3 (.838) - insulated -22 21,3 (.838) - -23 14 (.551) - -24 (large) 17,5 (.688) - -25 16,30 (.642) -27 (large) 11,7 (.460) - -4N 9 (.354) 12 (.472) 4N for use with paddle actuators only. Approvals UL CSA VDE CECC Availability : Consult factory for details of approved models. Locking levers 1V 1 locked position 2V 2 locked positions 3V 3 locked positions Other, consult factory. For models with Ø 6,35 (1/4) bushing. |
Similar Part No. - 5354MTH1R |
|
Similar Description - 5354MTH1R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |