Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82498F3150J Datasheet(PDF) 7 Page - EPCOS

Part # B82498F3150J
Description  SIMID series, SIMID 0805-F
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F3150J Datasheet(HTML) 7 Page - EPCOS

Back Button B82498F3150J Datasheet HTML 2Page - EPCOS B82498F3150J Datasheet HTML 3Page - EPCOS B82498F3150J Datasheet HTML 4Page - EPCOS B82498F3150J Datasheet HTML 5Page - EPCOS B82498F3150J Datasheet HTML 6Page - EPCOS B82498F3150J Datasheet HTML 7Page - EPCOS B82498F3150J Datasheet HTML 8Page - EPCOS B82498F3150J Datasheet HTML 9Page - EPCOS B82498F3150J Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
10/12
Impedance |Z| vs. frequency f (ceramic core)
measured with impedance analyzer
Agilent E4991A, typical values at +20 °C
Q factor versus frequency f (ceramic core)
measured with impedance analyzer
Agilent E4991A, typical values at +20 °C
Impedance |Z| vs. frequency f (ferrite core)
measured with impedance analyzer
Agilent E4991A, typical values at +20 °C
Q factor versus frequency f (ferrite core)
measured with impedance analyzer
Agilent E4991A, typical values at +20 °C
IND0546-M
10 8
10 9
Hz
10 0
2
10 1
10
10 3
10 4
B82498F
|Z|
Ω
f
10 5
10 7
10 6
820 nH
470 nH
100 nH
IND0544-Z
0
Q
f
27 nH
10 67
10
10 8
Hz 10 9
10
20
30
40
50
60
70
80
90
B82498F
100 nH
820 nH
470 nH
6.8 nH
2.7 nH
IND0547-K
10 8
10 9
Hz
10 0
2
10 1
10
10 3
10 4
B82498F
|Z|
Ω
f
10 5
10 7
10 6
6800 nH
4700 nH
2700 nH
1000 nH
IND0545-U
5
10 6
Hz
Q
f
10 7
10 8
10
15
20
25
30
35
40
B82498F
6800 nH
4700 nH
1000 nH
2700 nH
B82498F
SMT inductors, SIMID series
SIMID 0805-F


Similar Part No. - B82498F3150J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F3150J000 EPCOS-B82498F3150J000 Datasheet
172Kb / 10P
   SMT inductors
logo
TDK Electronics
B82498F3150J000 TDK-B82498F3150J000 Datasheet
246Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82498F3150J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
   SIMID series, SIMID 1812-C
B82432T EPCOS-B82432T Datasheet
127Kb / 8P
   SIMID series, SIMID 1812-T
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com