Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV200-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV200-GS08
Description  Small Signal Switching Diodes, High Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV200-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV200-GS08 Datasheet HTML 1Page - Vishay Siliconix BAV200-GS08 Datasheet HTML 2Page - Vishay Siliconix BAV200-GS08 Datasheet HTML 3Page - Vishay Siliconix BAV200-GS08 Datasheet HTML 4Page - Vishay Siliconix BAV200-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85544
Rev. 1.7, 25-Apr-08
BAV200/BAV201/BAV202/BAV203
Vishay Semiconductors
For technical support, please contact: Diodes-SSP@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Parameter
Test condition
Part
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 50 V
BAV200
IR
100
nA
VR = 100 V
BAV201
IR
100
nA
VR = 150 V
BAV202
IR
100
nA
VR = 200 V
BAV203
IR
100
nA
Tj = 100 °C, VR = 50 V
BAV200
IR
15
μA
Tj = 100 °C, VR = 100 V
BAV201
IR
15
μA
Tj = 100 °C, VR = 150 V
BAV202
IR
15
μA
Tj = 100 °C, VR = 200 V
BAV203
IR
15
μA
Breakdown voltage
IR = 100 μA, tp/T = 0.01,
tp = 0.3 ms
BAV200
V(BR)
60
V
BAV201
V(BR)
120
V
BAV202
V(BR)
200
V
BAV203
V(BR)
250
V
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Differential forward resistance
IF = 10 mA
rf
5
Ω
Reverse recovery time
IF = IR = 30 mA, iR = 3 mA,
RL = 100 Ω
trr
50
ns
Figure 1. Reverse Current vs. Junction Temperature
040
80
120
160
0.01
0.1
1
10
1000
Tj -Junction Temperature (°C)
200
94 9084
100
Scattering Limit
V
R = VRRM
Figure 2. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9085
Scattering Limit
T
j = 25 °C


Similar Part No. - BAV200-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV200 VISHAY-BAV200 Datasheet
55Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
GOOD-ARK Electronics
BAV200 GOOD-ARK-BAV200 Datasheet
106Kb / 2P
   Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
logo
Vishay Siliconix
BAV200 VISHAY-BAV200 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
logo
SUNMATE electronic Co.,...
BAV200 SUNMATE-BAV200 Datasheet
1Mb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV200-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 22-Jul-05
BAV200 VISHAY-BAV200_12 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 13-May-13
BAV19W-G VISHAY-BAV19W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com