Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2KC25MF1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2KC25MF1
Description  Adjustable Capacitive Prox
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2KC25MF1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2KC25MF1 Datasheet HTML 1Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 2Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 3Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 4Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 5Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 6Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 7Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E2K-C
4
E2K-C
s OUTPUT CIRCUIT DIAGRAMS AND TIMING CHARTS
Operation
AC Switching Types
E2K-C25MY ❑
Prox.
switch
main
circuit
White (Black)
Load
Black (Blue)
Present
Absent
Operates
Releases
Operates
Releases
ON
OFF
ON
OFF
Target
Load
Operation
indicator
NO
NC
NO
NC
Note: IEC colors are shown in parentheses.
DC Switching Types
E2K-C25ME❑
The dotted line shows a transistor circuit load.
Prox.
switch
main
circuit
D
1
+ V
0 V
D
2
ZD
Tr
Note: IEC colors are shown in parentheses.
E2K-C25MF ❑
The dotted line shows a transistor circuit load.
Prox.
switch
main
circuit
4.7 K
D
2
Tr
ZD
22
Brown (Red)
0 V
+ V
Brown (Red)
4.7 K
Black (White)
Blue (Black)
2.2
22
2.2
Ω D
1
Black (White)
Blue (Black)
E2K-C25ME1
NO
Present
Absent
Operates
Releases
H
L
ON
OFF
Target
Load (between
red and white)
Logic (between
white and black)
Operation
indicator
E2K-C25MF1
NO
Present
Absent
Operates
Releases
H
L
ON
OFF
Target
Load (between
white and black)
Logic (between
red and white)
Operation
indicator
E2K-C25MF2
NC
E2K-C25ME2
NC


Similar Part No. - E2KC25MF1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
More results

Similar Description - E2KC25MF1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com