Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82498F3221J Datasheet(PDF) 3 Page - EPCOS

Part # B82498F3221J
Description  SIMID series, SIMID 0805-F
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F3221J Datasheet(HTML) 3 Page - EPCOS

  B82498F3221J Datasheet HTML 1Page - EPCOS B82498F3221J Datasheet HTML 2Page - EPCOS B82498F3221J Datasheet HTML 3Page - EPCOS B82498F3221J Datasheet HTML 4Page - EPCOS B82498F3221J Datasheet HTML 5Page - EPCOS B82498F3221J Datasheet HTML 6Page - EPCOS B82498F3221J Datasheet HTML 7Page - EPCOS B82498F3221J Datasheet HTML 8Page - EPCOS B82498F3221J Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing and layout recommendation
Taping and packing
Blister tape
Reel
Dimensions in mm
2.3 max.
0.5±0.1
1.7 max.
IND0542-S-E
Epoxy coating
Welding area
Metallization
0.5±0.1
2)
1)
1)
2+0.2
1) Soldering area
2) This area (30% of contact area) should not be used
to assess solderability
C
B
IND0041-C
AB
C
1.5
r0.2
3.2
r0.4
1.0
r0.1
Dimensions in mm
1.9 max.
Component
1.5 0
_
+0.1
4±0.1
2±0.05
4±0.1
IND0554-E-E
Direction of unreeling
IND0581-C
13±0.25
ø60 min.
14.4 max.
+1.5
0
8.4 _
B82498F
SMT inductors, SIMID series
SIMID 0805-F


Similar Part No. - B82498F3221J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F3221J000 EPCOS-B82498F3221J000 Datasheet
172Kb / 10P
   SMT inductors
logo
TDK Electronics
B82498F3221J000 TDK-B82498F3221J000 Datasheet
246Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82498F3221J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
   SIMID series, SIMID 1812-C
B82432T EPCOS-B82432T Datasheet
127Kb / 8P
   SIMID series, SIMID 1812-T
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com