Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHHD006A0B41-SZ Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # EHHD006A0B41-SZ
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EHHD006A0B41-SZ Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button EHHD006A0B41-SZ Datasheet HTML 4Page - Lineage Power Corporation EHHD006A0B41-SZ Datasheet HTML 5Page - Lineage Power Corporation EHHD006A0B41-SZ Datasheet HTML 6Page - Lineage Power Corporation EHHD006A0B41-SZ Datasheet HTML 7Page - Lineage Power Corporation EHHD006A0B41-SZ Datasheet HTML 8Page - Lineage Power Corporation EHHD006A0B41-SZ Datasheet HTML 9Page - Lineage Power Corporation EHHD006A0B41-SZ Datasheet HTML 10Page - Lineage Power Corporation EHHD006A0B41-SZ Datasheet HTML 11Page - Lineage Power Corporation EHHD006A0B41-SZ Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series Eighth-Brick Power Modules
18 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
8
one second or by toggling the remote On/Off signal
for at least one second.
If the unit is configured with the auto-restart option (4),
it will remain in the hiccup mode as long as the
overcurrent condition exists. Once the output current
is brought back into its specified range, the unit will
operate normally. The average output current during
hiccup is 10% IO, max.
Output Voltage Programming
Trimming allows the output voltage set point to be
increased or decreased from the default value. This is
accomplished by connecting an external resistor
between the TRIM pin and either the VO(+) pin or the
VO(-) pin.
VO(+)
VOTRIM
VO(-)
Rtrim-down
LOAD
VIN(+)
ON/OFF
VIN(-)
Rtrim-up
Figure 12. Circuit Configuration to Trim Output
Voltage.
Connecting an external resistor (Rtrim-down) between
the TRIM pin and the VO(-) (or Sense(-)) pin
decreases the output voltage set point. To maintain
set point accuracy, the trim resistor tolerance should
be ±1.0%.
The following equation determines the required
external resistor value to obtain a percentage output
voltage change of Δ%



22
.
10
%
511
down
trim
R
Where
100
0
.
12
0
.
12
%
V
V
V
desired
For example, to trim-down the output voltage of the
module by 6% to 11.28V, Rtrim-down is calculated as
follows:
6
%



22
.
10
6
511
down
trim
R

9
.
74
down
trim
R
Connecting an external resistor (Rtrim-up) between the
TRIM pin and the VO(+) (or Sense (+)) pin increases
the output voltage set point. The following equation
determines the required external resistor value to
obtain a percentage output voltage change of Δ%:



22
.
10
%
511
%
225
.
1
%)
100
(
0
.
12
11
.
5
up
trim
R
Where
100
0
.
12
0
.
12
%
desired
V
For example, to trim-up the output voltage of the
module by 4% to 12.48V, Rtrim-up is calculated is as
follows:
4
%



22
.
10
4
511
4
225
.
1
)
4
100
(
0
.
12
11
.
5
up
trim
R
M
R
up
trim
16
.
1
The voltage between the VO(+) and VO(–) terminals
must not exceed the minimum output overvoltage
protection value shown in the Feature Specifications
table. This limit includes any increase in voltage due
to remote-sense compensation and output voltage
set-point adjustment trim.
Although the output voltage can be increased by both
the remote sense and by the trim, the maximum
increase for the output voltage is not the sum of both.
The maximum increase is the larger of either the
remote sense or the trim. The amount of power
delivered by the module is defined as the voltage at
the output terminals multiplied by the output current.
When using remote sense and trim, the output
voltage of the module can be increased, which at the
same output current would increase the power output
of the module. Care should be taken to ensure that
the maximum output power of the module remains at
or below the maximum rated power (maximum rated
power = VO,set x IO,max).


Similar Part No. - EHHD006A0B41-SZ

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
EHHD15FF SWITCH-EHHD15FF Datasheet
195Kb / 1P
   AUDIO VIDEO DATA PANEL CONNECTORS
EHHD15FFB SWITCH-EHHD15FFB Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
EHHD15MF SWITCH-EHHD15MF Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
EHHD15MF SWITCH-EHHD15MF Datasheet
195Kb / 1P
   AUDIO VIDEO DATA PANEL CONNECTORS
EHHD15MM SWITCH-EHHD15MM Datasheet
195Kb / 1P
   AUDIO VIDEO DATA PANEL CONNECTORS
More results

Similar Description - EHHD006A0B41-SZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW025A0F LINEAGEPOWER-ESTW025A0F Datasheet
1Mb / 20P
   ESTW025A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F LINEAGEPOWER-ESTW015A0F_11 Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW010A0A LINEAGEPOWER-ESTW010A0A Datasheet
1Mb / 19P
   ESTW010A0A Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com