Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5014 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5014
Description  Pin Clips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5014 Datasheet(HTML) 1 Page - Pomona Electronics

  5014 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
DIP Clips® for 8-14-16-20
Pin Clips
USA: Sales: 800-490-2361
Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
Rev: 100
D1094200
Page 1 of 1
Pomona DIP Clip® test clips are designed for testing dual-in-line IC packages on PC boards. These devices incorporate
many built-in features that assure a positive electrical connection as well as hands free testing.
• Contacts (.040" wide on lower end) are serrated for the best electrical contact.
• .025" X .028" serrated test points on upper end will accept wire wraps or mini test clips.
• Molded barriers between contacts allows live board connections without accidental shorting of contacts.
• Can also be used as an insertion tool for DIPs.
• Contacts are spring tempered Nickel Silver or Gold Plated Beryllium Copper alloy. Oxide penetrating clips have a
roughened stainless steel surface treatment.
• Open back option allows probing on the chip leads while clip is attached.
Pomona's DIP Clip® test clips are perfect for emulation, field service, failure analysis, and for use with logic analyzers.
Model#
Size Pins
Clip Width
Type
Contact Material and
Plating
5108
8
0.43in (10.9mm)
Standard DIP Clip®
Be-Cu, Gold Plate
5208
8
0.43in (10.9mm)
Open Back DIP Clip®
Be-Cu, Gold Plate
5014
14
0.72in (18.3mm)
Standard DIP Clip®
Nickel Silver
5114
14
0.72in (18.3mm)
Open Back DIP Clip®
Nickel Silver
3916A
16
0.83in (21.1mm)
Standard DIP Clip®
Nickel Silver
5220
20
1.03in (26.2mm)
Open Back DIP Clip®
Be-Cu, Gold Plate


Similar Part No. - 5014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5014 ETC2-5014 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
3M Electronics
5014 3M-5014 Datasheet
38Kb / 2P
   DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
logo
Texas Instruments
5014 TI-5014 Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
List of Unclassifed Man...
5014-020 ETC2-5014-020 Datasheet
217Kb / 3P
   NEMA 14 Step Motor
5014-042 ETC2-5014-042 Datasheet
126Kb / 3P
   NEMA 14 Step Motor
More results

Similar Description - 5014

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5014 3M-5014 Datasheet
38Kb / 2P
   DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
logo
List of Unclassifed Man...
UC-0 ETC2-UC-0 Datasheet
98Kb / 1P
   P-Clips
N4NY-002-9-CMC ETC1-N4NY-002-9-CMC Datasheet
184Kb / 2P
   P-Clips, Nylon Cable Clamping Clips
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
   Fuse Clips
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
   Retaining clips
2022-01-28
logo
List of Unclassifed Man...
561-1250032 ETC2-561-1250032 Datasheet
76Kb / 2P
   Snap Clips
logo
Extech Instruments Corp...
TL806 EXTECH-TL806_15 Datasheet
230Kb / 1P
   Alligator Clips
logo
List of Unclassifed Man...
ACC-3 ETC2-ACC-3 Datasheet
106Kb / 1P
   Cable Clips
501791 ETC2-501791 Datasheet
1Mb / 13P
   TEST CLIPS INSULATORS
561-AC001 ETC2-561-AC001 Datasheet
125Kb / 2P
   Nylon Arrow Clips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com