Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTD902-2015F-B203 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTD902-2015F-B203
Description  9 mm Multi-Ganged Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTD902-2015F-B203 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTD902-2015F-B203 Datasheet HTML 1Page - Bourns Electronic Solutions PTD902-2015F-B203 Datasheet HTML 2Page - Bourns Electronic Solutions PTD902-2015F-B203 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PTD90 Series - 9 mm Multi-Ganged Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PTD904
M7XP0.75
R1
R2
R3
R4
R1
R2
R3
R4
17.2 ± 0.5
(.677 ± .020)
0.8 ± 0.2
(.031 ± .008)
5.0
(.197)
MOUNTING
SURFACE
RECOMMENDED PCB LAYOUT
1.0 +0.2/-0
(.039 +.008/-0)
DIA. HOLES
12 PLCS.
5.0
(.197)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
2.5
(.098)
2.5
(.098)
5.0
(.197)
3
2
1
3
2
1
3
2
1
3
2
1
SCHEMATIC
33
22
11
R4
R3
33
22
11
R2
R1
PTD906
M7XP0.75
R1
R2
R3
R4
R5
R6
R1
R2
R3
R4
24.7 ± 0.5
(.972 ± .020)
0.8 ± 0.2
(.031 ± .008)
5.0
(.197)
MOUNTING
SURFACE
RECOMMENDED PCB LAYOUT
1.0 +0.2/-0
(.039 +.008/-0)
DIA. HOLES
18 PLCS.
5.0
(.197)
5.0
(.197)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
2.5
(.098)
R5
R6
2.5
(.098)
2.5
(.098)
5.0
(.197)
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
SCHEMATIC
33
22
11
R4
R3
33
22
11
R6
R5
33
22
11
R2
R1
PTD908
M7XP0.75
R1
R2
R3
R4
R5
R6
R7
R8
R1
R2
R3
R4
32.2 ± 0.5
(1.268 ± .020)
0.8 ± 0.2
(.031 ± .008)
5.0
(.197)
MOUNTING
SURFACE
RECOMMENDED PCB LAYOUT
1.0 +0.2/-0
(.039 +.008/-0)
DIA. HOLES
24 PLCS.
5.0
(.197)
5.0
(.197)
5.0
(.197)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
5.0
(.197)
2.5
(.098)
2.5
(.098)
2.5
(.098)
R5
R6
R7
R8
2.5
(.098)
2.5
(.098)
2.5
(.098)
5.0
(.197)
3
3
3
1
1
1
1
1
1
1
1
3
2
2
2
2
2
2
2
2
3
3
3
3
SCHEMATIC
33
22
11
R4 R3
33
22
11
R6 R5
33
22
11
R8 R7
33
22
11
R2 R1
Applications
Audio/TV sets
Automotive sound systems
Amplifiers/mixers/drum machines/synthesizers/DJ equipment
Multimedia sound systems
Portable electronics


Similar Part No. - PTD902-2015F-B203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
More results

Similar Description - PTD902-2015F-B203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
216Kb / 8P
   9 mm Multi-Ganged Potentiometer
Revision: 26-Nov-07
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTR90 BOURNS-PTR90_14 Datasheet
426Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
PTV09A-4020F BOURNS-PTV09A-4020F Datasheet
1Mb / 5P
   PTV09 Series - 9 mm Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com