Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV111-3222A-A1202 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PTV111-3222A-A1202
Description  12 mm Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV111-3222A-A1202 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PTV111-3222A-A1202 Datasheet HTML 1Page - Bourns Electronic Solutions PTV111-3222A-A1202 Datasheet HTML 2Page - Bourns Electronic Solutions PTV111-3222A-A1202 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTV/PTT Series - 12 mm Potentiometer
How To Order
PTV111 - 2 4 20 A - A1 104
Model
(See Diagrams)
• PTV111 Standard
• PTT111 With Tap
• PTV112 Dual Gang
Pin Style
PC Pins vertical/
Down Facing:
• 1 =
With Bushing
• 2 =
No Bushing
PC Pins horizontal/
Rear Facing:
• 3 =
With Bushing
• 4 =
No Bushing
Center Detent Option
• 4 = No Detent
• 2 = Center Detent
Standard Shaft Length
• 12 = 12.5 mm*
• 15 = 15 mm
• 17 = 17.5 mm*
• 20 = 20 mm
• 22 = 22.5 mm**
• 25 = 25 mm**
• 27 = 27.5 mm**
Shaft Styles
• A = Flat Type Insulated Shaft
Resistance Taper (See Taper Chart)
Taper Series followed by Curve Number
Resistance Code (See Table)
Other styles available.
* Available with Pin Styles 1 & 3 only.
**Available with Pin Styles 2 & 4 only.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Tapers
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Rotational Travel (%)
(05
A):
A1
(10
A): A
2
(15A):
A
(20A):
A4
(25
A):
A5
(30A):
A
6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B Series Tapers
Rotational Travel (%)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Rotational Travel (%)
(3
0C)
: C6
(0
5C)
: C1
(1
0C)
: C2
(15
C): C
(25C)
: C5
(20
C)
: C4
REV. 07/10


Similar Part No. - PTV111-3222A-A1202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV111-3220A-A104 BOURNS-PTV111-3220A-A104 Datasheet
112Kb / 2P
   11mm Potentiometer
PTV111-3220A-B104 BOURNS-PTV111-3220A-B104 Datasheet
112Kb / 2P
   11mm Potentiometer
PTV111-3225A-A104 BOURNS-PTV111-3225A-A104 Datasheet
112Kb / 2P
   11mm Potentiometer
PTV111-3225A-B104 BOURNS-PTV111-3225A-B104 Datasheet
112Kb / 2P
   11mm Potentiometer
More results

Similar Description - PTV111-3222A-A1202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
   12 mm Rotary Potentiometer
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
6537 BOURNS-6537 Datasheet
161Kb / 1P
   22 mm Precision Potentiometer
PRS11S BOURNS-PRS11S Datasheet
317Kb / 3P
   11 mm SMD Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
   16 mm Motorized Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com